Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 243 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 239Page - Renesas Technology Corp H8/3022 Datasheet HTML 240Page - Renesas Technology Corp H8/3022 Datasheet HTML 241Page - Renesas Technology Corp H8/3022 Datasheet HTML 242Page - Renesas Technology Corp H8/3022 Datasheet HTML 243Page - Renesas Technology Corp H8/3022 Datasheet HTML 244Page - Renesas Technology Corp H8/3022 Datasheet HTML 245Page - Renesas Technology Corp H8/3022 Datasheet HTML 246Page - Renesas Technology Corp H8/3022 Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 219 of 684
REJ09B0352-0200
8.2.12
Timer Status Register (TSR)
TSR is an 8-bit register. The ITU has five TSRs, one in each channel.
Channel
Abbreviation
Function
0
TSR0
Indicates input capture, compare match, and overflow status
1
TSR1
2
TSR2
3
TSR3
4
TSR4
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
—
1
—
3
—
1
—
*
2
OVF
0
R/(W)
Reserved bits
Note: * Only 0 can be written to clear the flag.
*
1
IMFB
0
R/(W)
*
0
IMFA
0
R/(W)
Overflow flag
Status flag indicating
overflow or underflow
Input capture/compare match flag B
Status flag indicating GRB compare
match or input capture
Input capture/compare match flag A
Status flag indicating GRA compare
match or input capture
Each TSR is an 8-bit readable/writable register containing flags that indicate TCNT overflow or
underflow and GRA or GRB compare match or input capture. These flags are interrupt sources
and generate CPU interrupts if enabled by corresponding bits in the timer interrupt enable register
(TIER).
TSR is initialized to H'F8 by a reset and in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com