Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 248Page - Renesas Technology Corp H8/3022 Datasheet HTML 249Page - Renesas Technology Corp H8/3022 Datasheet HTML 250Page - Renesas Technology Corp H8/3022 Datasheet HTML 251Page - Renesas Technology Corp H8/3022 Datasheet HTML 252Page - Renesas Technology Corp H8/3022 Datasheet HTML 253Page - Renesas Technology Corp H8/3022 Datasheet HTML 254Page - Renesas Technology Corp H8/3022 Datasheet HTML 255Page - Renesas Technology Corp H8/3022 Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 228 of 684
REJ09B0352-0200
Counter setup
Select counter clock
Type of counting?
Periodic counting
Select counter clear source
Select output compare
register function
Set period
Start counter
Free-running counting
Start counter
Periodic counter
Free-running counter
1
2
3
4
55
Yes
No
Figure 8.14 Counter Setup Procedure (Example)
1. Set bits TPSC2 to TPSC0 in TCR to select the counter clock source. If an external clock source
is selected, set bits CKEG1 and CKEG0 in TCR to select the desired edge(s) of the external
clock signal.
2. For periodic counting, set CCLR1 and CCLR0 in TCR to have TCNT cleared at GRA compare
match or GRB compare match.
3. Set TIOR to select the output compare function of GRA or GRB, whichever was selected in
step 2.
4. Write the count period in GRA or GRB, whichever was selected in step 2.
5. Set the STR bit to 1 in TSTR to start the timer counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com