Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 252Page - Renesas Technology Corp H8/3022 Datasheet HTML 253Page - Renesas Technology Corp H8/3022 Datasheet HTML 254Page - Renesas Technology Corp H8/3022 Datasheet HTML 255Page - Renesas Technology Corp H8/3022 Datasheet HTML 256Page - Renesas Technology Corp H8/3022 Datasheet HTML 257Page - Renesas Technology Corp H8/3022 Datasheet HTML 258Page - Renesas Technology Corp H8/3022 Datasheet HTML 259Page - Renesas Technology Corp H8/3022 Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 712 page
background image
8. 16-Bit Integrated Timer Unit (ITU)
Rev.2.00 Mar. 22, 2007 Page 232 of 684
REJ09B0352-0200
Waveform Output by Compare Match: In ITU channels 0, 1, 3, and 4, compare match A or B
can cause the output at the TIOCA or TIOCB pin to go to 0, go to 1, or toggle. In channel 2 the
output can only go to 0 or go to 1.
• Sample setup procedure for waveform output by compare match
Figure 8.19 shows a sample procedure for setting up waveform output by compare match.
Output setup
Select waveform
output mode
Set output timing
Start counter
Waveform output
Select the compare match output mode (0, 1, or
toggle) in TIOR. When a waveform output mode
is selected, the pin switches from its generic input/
output function to the output compare function
(TIOCA or TIOCB). An output compare pin outputs
Set a value in GRA or GRB to designate the
compare match timing.
Set the STR bit to 1 in TSTR to start the timer
counter.
1
2
3
0 until the first compare match occurs.
1.
2.
3.
Figure 8.19 Setup Procedure for Waveform Output by Compare Match (Example)
• Examples of waveform output
Figure 8.20 shows examples of 0 and 1 output. TCNT operates as a free-running counter, 0
output is selected for compare match A, and 1 output is selected for compare match B. When
the pin is already at the selected output level, the pin level does not change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com