Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 311 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 311 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 307Page - Renesas Technology Corp H8/3022 Datasheet HTML 308Page - Renesas Technology Corp H8/3022 Datasheet HTML 309Page - Renesas Technology Corp H8/3022 Datasheet HTML 310Page - Renesas Technology Corp H8/3022 Datasheet HTML 311Page - Renesas Technology Corp H8/3022 Datasheet HTML 312Page - Renesas Technology Corp H8/3022 Datasheet HTML 313Page - Renesas Technology Corp H8/3022 Datasheet HTML 314Page - Renesas Technology Corp H8/3022 Datasheet HTML 315Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 712 page
background image
9. Programmable Timing Pattern Controller
Rev.2.00 Mar. 22, 2007 Page 287 of 684
REJ09B0352-0200
Section 9 Programmable Timing Pattern Controller
9.1
Overview
The H8/3022 Group has a built-in programmable timing pattern controller (TPC) * that provides
pulse outputs by using the 16-bit integrated timer unit (ITU) as a time base. The TPC pulse
outputs are divided into 4-bit groups (group 3 to group 0) that can operate simultaneously and
independently.
9.1.1
Features
TPC features are listed below.
• 15-bit output data
Maximum 15-bit data can be output. TPC output can be enabled on a bit-by-bit basis.
• Four output groups and one 3-bit output.
Output trigger signals can be selected in 4-bit groups to provide up to three different 4-bit
outputs and one 3-bit output.
• Selectable output trigger signals
Output trigger signals can be selected for each group from the compare-match signals of four
ITU channels.
• Non-overlap mode
A non-overlap margin can be provided between pulse outputs.
Note: * Note that since this LSI does not have a TP
14 pin, it is a 15-bit programmable timing
pattern controller (TPC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com