Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 315 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 315 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 311Page - Renesas Technology Corp H8/3022 Datasheet HTML 312Page - Renesas Technology Corp H8/3022 Datasheet HTML 313Page - Renesas Technology Corp H8/3022 Datasheet HTML 314Page - Renesas Technology Corp H8/3022 Datasheet HTML 315Page - Renesas Technology Corp H8/3022 Datasheet HTML 316Page - Renesas Technology Corp H8/3022 Datasheet HTML 317Page - Renesas Technology Corp H8/3022 Datasheet HTML 318Page - Renesas Technology Corp H8/3022 Datasheet HTML 319Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 712 page
background image
9. Programmable Timing Pattern Controller
Rev.2.00 Mar. 22, 2007 Page 291 of 684
REJ09B0352-0200
9.2
Register Descriptions
9.2.1
Port A Data Direction Register (PADDR)
PADDR is an 8-bit write-only register that selects input or output for each pin in port A.
Bit
Initial value
Read/Write
7
PA DDR
0
W
Port A data direction 7 to 0
These bits select input or
output for port A pins
7
6
PA DDR
0
W
6
5
PA DDR
0
W
5
4
PA DDR
0
W
4
3
PA DDR
0
W
3
2
PA DDR
0
W
2
1
PA DDR
0
W
1
0
PA DDR
0
W
0
Port A is multiplexed with pins TP
7 to TP0. Bits corresponding to pins used for TPC output must
be set to 1. For further information about PADDR, see section 7.10, Port A.
9.2.2
Port A Data Register (PADR)
PADR is an 8-bit readable/writable register that stores TPC output data for groups 0 and 1, when
these TPC output groups are used.
Bit
Initial value
Read/Write
Note: * Bits selected for TPC output by NDERA settings become read-only bits.
0
PA
0
R/(W)
0
1
PA
0
R/(W)
1
2
PA
0
R/(W)
2
3
PA
0
R/(W)
3
4
PA
0
R/(W)
4
5
PA
0
R/(W)
5
6
PA
0
R/(W)
6
7
PA
0
R/(W)
7
Port A data 7 to 0
These bits store output data
for TPC output groups 0 and 1
**
*
*
*
*
*
*
For further information about PADR, see section 7.10, Port A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com