Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 317 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 317 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 313Page - Renesas Technology Corp H8/3022 Datasheet HTML 314Page - Renesas Technology Corp H8/3022 Datasheet HTML 315Page - Renesas Technology Corp H8/3022 Datasheet HTML 316Page - Renesas Technology Corp H8/3022 Datasheet HTML 317Page - Renesas Technology Corp H8/3022 Datasheet HTML 318Page - Renesas Technology Corp H8/3022 Datasheet HTML 319Page - Renesas Technology Corp H8/3022 Datasheet HTML 320Page - Renesas Technology Corp H8/3022 Datasheet HTML 321Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 712 page
background image
9. Programmable Timing Pattern Controller
Rev.2.00 Mar. 22, 2007 Page 293 of 684
REJ09B0352-0200
9.2.5
Next Data Register A (NDRA)
NDRA is an 8-bit readable/writable register that stores the next output data for TPC output groups
1 and 0 (pins TP
7 to TP0). During TPC output, when an ITU compare match event specified in
TPCR occurs, NDRA contents are transferred to the corresponding bits in PADR. The address of
NDRA differs depending on whether TPC output groups 0 and 1 have the same output trigger or
different output triggers.
NDRA is initialized to H'00 by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Same Trigger for TPC Output Groups 0 and 1: If TPC output groups 0 and 1 are triggered by
the same compare match event, the NDRA address is H'FFA5. The upper 4 bits belong to group 1
and the lower 4 bits to group 0. Address H'FFA7 consists entirely of reserved bits that cannot be
modified and always read 1.
Address H'FFA5
Bit
Initial value
Read/Write
7
NDR7
0
R/W
6
NDR6
0
R/W
5
NDR5
0
R/W
4
NDR4
0
R/W
3
NDR3
0
R/W
2
NDR2
0
R/W
1
NDR1
0
R/W
0
NDR0
0
R/W
Next data 7 to 4
These bits store the next output
data for TPC output group 1
Next data 3 to 0
These bits store the next output
data for TPC output group 0
Address H'FFA7
Bit
Initial value
Read/Write
0
—
1
—
1
—
1
—
2
—
1
—
3
—
1
—
4
—
1
—
5
—
1
—
6
—
1
—
7
—
1
—
Reserved bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com