Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 321 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 321 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 317Page - Renesas Technology Corp H8/3022 Datasheet HTML 318Page - Renesas Technology Corp H8/3022 Datasheet HTML 319Page - Renesas Technology Corp H8/3022 Datasheet HTML 320Page - Renesas Technology Corp H8/3022 Datasheet HTML 321Page - Renesas Technology Corp H8/3022 Datasheet HTML 322Page - Renesas Technology Corp H8/3022 Datasheet HTML 323Page - Renesas Technology Corp H8/3022 Datasheet HTML 324Page - Renesas Technology Corp H8/3022 Datasheet HTML 325Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 712 page
background image
9. Programmable Timing Pattern Controller
Rev.2.00 Mar. 22, 2007 Page 297 of 684
REJ09B0352-0200
9.2.7
Next Data Enable Register A (NDERA)
NDERA is an 8-bit readable/writable register that enables or disables TPC output groups 1 and 0
(TP
7 to TP0) on a bit-by-bit basis.
Bit
Initial value
Read/Write
0
NDER0
0
R/W
1
NDER1
0
R/W
2
NDER2
0
R/W
3
NDER3
0
R/W
4
NDER4
0
R/W
5
NDER5
0
R/W
6
NDER6
0
R/W
7
NDER7
0
R/W
Next data enable 7 to 0
These bits enable or disable
TPC output groups 1 and 0
If a bit is enabled for TPC output by NDERA, then when the ITU compare match event selected in
the TPC output control register (TPCR) occurs, the NDRA value is automatically transferred to
the corresponding PADR bit, updating the output value. If TPC output is disabled, the bit value is
not transferred from NDRA to PADR and the output value does not change.
NDERA is initialized to H'00 by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Bits 7 to 0—Next Data Enable 7 to 0 (NDER7 to NDER0): These bits enable or disable TPC
output groups 1 and 0 (TP
7 to TP0) on a bit-by-bit basis.
Bits 7 to 0
NDER7 to NDER0
Description
0
TPC outputs TP
7 to TP0 are disabled
(NDR7 to NDR0 are not transferred to PA
7 to PA0)
(Initial value)
1
TPC outputs TP
7 to TP0 are enabled
(NDR7 to NDR0 are transferred to PA
7 to PA0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com