| Electronic Components Datasheet Search |
|
H8/3021 Datasheet(PDF) 439 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Datasheet(HTML) 439 Page - Renesas Technology Corp |
|
439 / 712 page ![]() 12. Smart Card Interface Rev.2.00 Mar. 22, 2007 Page 415 of 684 REJ09B0352-0200 With the above processing, interrupt servicing is possible. If reception ends and the RDRF flag is set to 1 while the RIE bit is set to 1 and interrupt requests are enabled, a receive data full interrupt (RXI) request will be generated. If an error occurs in reception and either the ORER flag or the PER flag is set to 1, a transfer error interrupt (ERI) request will be generated. For details, see Interrupt Operation below. If a parity error occurs during reception and the PER is set to 1, the received data is still transferred to RDR, and therefore this data can be read. Mode Switching Operation: When switching from receive mode to transmit mode, first confirm that the receive operation has been completed, then start from initialization, clearing RE bit to 0 and setting TE bit to 1. The RDRF flag or the PER and ORER flags can be used to check that the receive operation has been completed. When switching from transmit mode to receive mode, first confirm that the transmit operation has been completed, then start from initialization, clearing TE bit to 0 and setting RE bit to 1. The TEND flag can be used to check that the transmit operation has been completed. Interrupt Operation: There are three interrupt sources in smart card interface mode: transmit data empty interrupt (TXI) requests, transfer error interrupt (ERI) requests, and receive data full interrupt (RXI) requests. The transmit end interrupt (TEI) request is not used in this mode. When the TEND flag in SSR is set to 1, a TXI interrupt request is generated. When the RDRF flag in SSR is set to 1, an RXI interrupt request is generated. When any of flags ORER, PER, and ERS in SSR is set to 1, an ERI interrupt request is generated. The relationship between the operating states and interrupt sources is shown in table 12.8. Table 12.8 Smart Card Mode Operating States and Interrupt Sources Operating State Flag Mask Bit Interrupt Source Transmit Mode Normal operation TEND TIE TXI Error ERS RIE ERI Receive Mode Normal operation RDRF RIE RXI Error PER, ORER RIE ERI |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |