| Electronic Components Datasheet Search |
|
H8/3021 Datasheet(PDF) 139 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Datasheet(HTML) 139 Page - Renesas Technology Corp |
|
139 / 712 page ![]() 6. Bus Controller Rev.2.00 Mar. 22, 2007 Page 115 of 684 REJ09B0352-0200 6.3 Operation 6.3.1 Area Division The external address space is divided into areas 0 to 7. Each area has a size of 128 kbytes in the 1-Mbyte mode and 2 Mbytes in the 16-Mbyte mode. Figure 6.2 shows a general view of the memory map. Notes: There is no area division in mode 7. 1. The number of access states to on-chip ROM, on-chip RAM, and on-chip I/O registers is fixed. 2. This area follows area 7 specifications when the RAME bit in SYSCR is 0. 3. This area follows area 7 specifications. H'00000 Area 0 (128 kbytes) Area 1 (128 kbytes) Area 2 (128 kbytes) Area 3 (128 kbytes) Area 4 (128 kbytes) Area 5 (128 kbytes) Area 6 (128 kbytes) Area 7 (128 kbytes) On-chip RAM *1,*2 a. H'1FFFF H'20000 H'3FFFF H'40000 H'5FFFF H'60000 H'7FFFF H'80000 H'9FFFF H'A0000 H'BFFFF H'C0000 H'DFFFF H'E0000 H'FFFFF b. H'000000 Area 0 (2 Mbytes) Area 1 (2 Mbytes) Area 2 (2 Mbytes) Area 3 (2 Mbytes) Area 4 (2 Mbytes) Area 5 (2 Mbytes) Area 6 (2 Mbytes) Area 7 (2 Mbytes) On-chip RAM *1,*2 H'1FFFFF H'200000 H'3FFFFF H'400000 H'5FFFFF H'600000 H'7FFFFF H'800000 H'9FFFFF H'A00000 H'BFFFFF H'C00000 H'DFFFFF H'E00000 H'FFFFFF H'00000 Area 1 (128 kbytes) Area 2 (128 kbytes) Area 3 (128 kbytes) Area 4 (128 kbytes) Area 5 (128 kbytes) Area 6 (128 kbytes) H'1FFFF H'20000 H'3FFFF H'40000 H'5FFFF H'60000 H'7FFFF H'80000 H'9FFFF H'A0000 H'BFFFF H'C0000 H'DFFFF H'E0000 H'FFFFF 1-Mbyte modes with on-chip ROM disabled (mode 1) 16-Mbyte modes with on-chip ROM disabled (mode 3) c. 1-Mbyte mode with on-chip ROM enabled (mode 5) Area 7 (128 kbytes) On-chip RAM *1,*2 On-chip ROM *1 Area 0 (128 kbytes) H'000000 Area 1 (2 Mbytes) Area 2 (2 Mbytes) Area 3 (2 Mbytes) Area 4 (2 Mbytes) Area 5 (2 Mbytes) Area 6 (2 Mbytes) H'1FFFFF H'200000 H'3FFFFF H'400000 H'5FFFFF H'600000 H'7FFFFF H'800000 H'9FFFFF H'A00000 H'BFFFFF H'C00000 H'DFFFFF H'E00000 H'FFFFFF d. 16-Mbyte modes (mode 6) Area 7 (2 Mbytes) On-chip RAM *1,*2 External address space *3 On-chip I/O registers *1 External address space *3 On-chip I/O registers *1 External address space *3 On-chip I/O registers *1 External address space *3 On-chip I/O registers *1 On-chip ROM *1 Area 0 (2 Mbytes) Figure 6.2 Access Area Map (Mode 1, 3, and 5) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |