Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3028F Datasheet(PDF) 517 Page - Renesas Technology Corp

Part # H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Datasheet(HTML) 517 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 513Page - Renesas Technology Corp H8/3028F Datasheet HTML 514Page - Renesas Technology Corp H8/3028F Datasheet HTML 515Page - Renesas Technology Corp H8/3028F Datasheet HTML 516Page - Renesas Technology Corp H8/3028F Datasheet HTML 517Page - Renesas Technology Corp H8/3028F Datasheet HTML 518Page - Renesas Technology Corp H8/3028F Datasheet HTML 519Page - Renesas Technology Corp H8/3028F Datasheet HTML 520Page - Renesas Technology Corp H8/3028F Datasheet HTML 521Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 517 / 923 page
background image
Rev. 2.00, 09/03, page 487 of 890
In transmitting serial data, the SCI operates as follows:
• The SCI monitors the TDRE flag in SSR. When the TDRE flag is cleared to 0, the SCI
recognizes that TDR contains new data, and loads this data from TDR into TSR.
• After loading the data from TDR to TSR, the SCI sets the TDRE flag to 1 and starts
transmitting. If the TIE bit is set to 1 in SCR, the SCI requests a transmit-data-empty interrupt
(TXI) at this time.
Serial transmit data is transmitted in the following order from the TxD pin:
 Start bit: One 0 bit is output.
 Transmit data: 7 or 8 bits are output, LSB first.
 Parity bit or multiprocessor bit: One parity bit (even or odd parity),or one multiprocessor
bit is output. Formats in which neither a parity bit nor a multiprocessor bit is output can
also be selected.
 Stop bit(s): One or two 1 bits (stop bits) are output.
 Mark state: Output of 1 bits continues until the start bit of the next transmit data.
• The SCI checks the TDRE flag when it outputs the stop bit. If the TDRE flag is 0, the SCI
loads new data from TDR into TSR, outputs the stop bit, then begins serial transmission of the
next frame. If the TDRE flag is 1, the SCI sets the TEND flag to 1 in SSR, outputs the stop
bit, then continues output of 1 bits in the mark state. If the TEIE bit is set to 1 in SCR, a
transmit-end interrupt (TEI) is requested at this time.
Figure 13.6 shows an example of SCI transmit operation in asynchronous mode.
0/1
D0
D1
D7
0/1
1
1
0
Start bit
0D0
D1
D7
1
1
Data
Parity
bit
Stop
bit
Start
bit
Data
Parity
bit
Stop
bit
TDRE
TEND
Idle state
(mark state)
TEI interrupt
request
TXI interrupt
request
TXI interrupt handler
writes data in TDR and
clears TDRE flag to 0
TXI interrupt
request
1 frame
Figure 13.6 Example of SCI Transmit Operation in Asynchronous Mode
(8-Bit Data with Parity and One Stop Bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com