Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K02FD Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # M38K02FD
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FD Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button M38K02FD Datasheet HTML 34Page - Renesas Technology Corp M38K02FD Datasheet HTML 35Page - Renesas Technology Corp M38K02FD Datasheet HTML 36Page - Renesas Technology Corp M38K02FD Datasheet HTML 37Page - Renesas Technology Corp M38K02FD Datasheet HTML 38Page - Renesas Technology Corp M38K02FD Datasheet HTML 39Page - Renesas Technology Corp M38K02FD Datasheet HTML 40Page - Renesas Technology Corp M38K02FD Datasheet HTML 41Page - Renesas Technology Corp M38K02FD Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 21 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
Fig. 17 Timer block diagram
Q
Q
“1”
“0”
P51/CNTR0
1/16
“0”
“1”
R
T
System clock
1/16
Prescaler X latch (8)
Prescaler X (8)
Timer X latch (8)
Timer X (8)
Timer X interrupt
request bit
Toggle
flip-flop
Timer X count stop bit
Pulse width
measurement
mode
Event
counter
mode
CNTR0 interrupt
request bit
Pulse output mode
Port P51
latch
Port P51
direction
register
CNTR0 active
edge selection bit
Timer X latch write
Pulse output mode
Timer mode
Pulse output
mode
Data bus
Divider
Prescaler 12 latch (8)
Prescaler 12 (8)
Timer 1 latch (8)
Timer 1 (8)
Timer 2 latch (8)
Timer 2 (8)
Timer 2 interrupt
request bit
Timer 1 interrupt
request bit
CNTR0 active
edge selection bit
Data bus
System clock
Divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com