Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K02FD Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # M38K02FD
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FD Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button M38K02FD Datasheet HTML 19Page - Renesas Technology Corp M38K02FD Datasheet HTML 20Page - Renesas Technology Corp M38K02FD Datasheet HTML 21Page - Renesas Technology Corp M38K02FD Datasheet HTML 22Page - Renesas Technology Corp M38K02FD Datasheet HTML 23Page - Renesas Technology Corp M38K02FD Datasheet HTML 24Page - Renesas Technology Corp M38K02FD Datasheet HTML 25Page - Renesas Technology Corp M38K02FD Datasheet HTML 26Page - Renesas Technology Corp M38K02FD Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 328 page
background image
Rev.2.00
Oct 05, 2006
page 6 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
GROUP EXPANSION
Mitsubishi plans to expand the 38K0 group as follows.
Memory Type
Support for mask ROM and flash memory versions.
Memory Size
Flash memory size .......................................................... 32 Kbytes
Mask ROM size ............................................................... 16 Kbytes
RAM size .......................................................... 1024 to 2048 bytes
Packages
PLQP0064GA-A ...................... 0.8 mm-pitch plastic molded LQFP
PLQP0064KB-A ....................... 0.5 mm-pitch plastic molded LQFP
100D0M ........................... 0.65 mm-pitch metal seal PIGGY BACK
Memory Expansion Plan
Fig. 4 Memory expansion plan
256
512
1,024
2,048
8K
16K
32K
60K
ROM size
(bytes)
RAM size (bytes)
: Mass Production
M38K09F8L
M38K07M4L
Currently products are listed below.
Table 2. List of 38K0 group products (L version)
As of October 2006
Remarks
Package
PLQP0064GA-A
PLQP0064KB-A
PLQP0064GA-A
PLQP0064KB-A
100D0M
Product
M38K07M4L-XXXFP
M38K07M4L-XXXHP
M38K09F8LFP
M38K09F8LHP
M38K09RFS
RAM size (bytes)
1024
2048
2048
16384
(16254)
ROM size (bytes)
ROM size for User in (
)
32768
(32638)
Mask ROM version
Flash memory version
—
GROUP EXPANSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com