Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K02FD Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # M38K02FD
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FD Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button M38K02FD Datasheet HTML 50Page - Renesas Technology Corp M38K02FD Datasheet HTML 51Page - Renesas Technology Corp M38K02FD Datasheet HTML 52Page - Renesas Technology Corp M38K02FD Datasheet HTML 53Page - Renesas Technology Corp M38K02FD Datasheet HTML 54Page - Renesas Technology Corp M38K02FD Datasheet HTML 55Page - Renesas Technology Corp M38K02FD Datasheet HTML 56Page - Renesas Technology Corp M38K02FD Datasheet HTML 57Page - Renesas Technology Corp M38K02FD Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 37 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
(1) Endpoint 00
b7
b0
SETUP packet detection bit
Not used
SETUP00
b7:b1
1
–
1
–
EP00 stage register (EP00STG) [address 001916]
Bit name
Bit symbol
At reset
Function
H/W
S/W
This bit is set to “1” at reception of SETUP packet.
Writing “0” to this bit clears this bit if the next SETUP
token does not occur.
Writing “1” to this bit causes no state change of the
status flags.
Write “0” when writing.
“0” is read when reading.
O
O
O
O
–: State remaining
000
0
00
0
W
R
Fig. 39 Structure of EP00 stage register
Fig. 40 Structure of EP00 control register 1
b7
b0
Response PID bit
Not used
PID00 [1:0]
b7:b2
–
–
0
–
EP00 control register 1 (EP00CON1) [address 001A16]
Bit name
Bit symbol
At reset
Function
H/W
S/W
b1 b0
0 0 : NAK
0 1 : Automatic response (ACK, NAK, DATA0, DATA1)
1 X : STALL
At occurrence of control transfer error:
B1 is set to “1” by the hardware.
At reception of SETUP token:
B1 and b0 are cleared to “0” by the hardware.
Write “0” when writing.
“0” is read when reading.
O
O
O
O
–: State remaining
000
0
00
W
R
b7
b0
Buffer enable bit
Not used
BVAL00
b7:b1
–
–
0
–
EP00 control register 2 (EP00CON2) [address 001B16]
Bit name
Bit symbol
At reset
Function
H/W
S/W
0 : NAK transmission (SIE is disabled to read a buffer.)
1 : Transmitting/receiving data set state (SIE is possible
to read from/write to a buffer.)
At reception of SETUP token:
This bit is cleared to “0” by the hardware.
Write “0” when writing.
“0” is read when reading.
O
O
O
O
–: State remaining
00
0
0
0
0
0
W
R
Fig. 41 Structure of EP00 control register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com