Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K02FD Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # M38K02FD
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FD Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button M38K02FD Datasheet HTML 49Page - Renesas Technology Corp M38K02FD Datasheet HTML 50Page - Renesas Technology Corp M38K02FD Datasheet HTML 51Page - Renesas Technology Corp M38K02FD Datasheet HTML 52Page - Renesas Technology Corp M38K02FD Datasheet HTML 53Page - Renesas Technology Corp M38K02FD Datasheet HTML 54Page - Renesas Technology Corp M38K02FD Datasheet HTML 55Page - Renesas Technology Corp M38K02FD Datasheet HTML 56Page - Renesas Technology Corp M38K02FD Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 36 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
b7
b0
USB function/Endpoint 0
interrupt bit
USB function/Endpoint 1
interrupt bit
USB function/Endpoint 2
interrupt bit
USB function/Endpoint 3
interrupt bit
Not used
Suspend interrupt bit
Resume interrupt bit
EP00
EP01
EP02
EP03
b5:b4
SUS
RSM
0
0
0
0
–
0
0
0
0
0
0
–
0
0
USB interrupt source register (USBIREQ) [address 001716]
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
O
O
O
✕
✕
✕
✕
O
O
✕
This bit is set to “1” when any one of EP00 interrupt
source register’s bits at least is set to “1”.
This bit is cleared to “0” by clearing EP00 interrupt
source register to “0016”.
Writing to this bit causes no state change.
This bit is set to “1” when any one of EP01 interrupt
source register’s bits at least is set to “1”.
This bit is cleared to “0” by clearing EP01 interrupt
source register to “0016”.
Writing to this bit causes no state change.
This bit is set to “1” when any one of EP02 interrupt
source register’s bits at least is set to “1”.
This bit is cleared to “0” by clearing EP02 interrupt
source register to “0016”.
Writing to this bit causes no state change.
This bit is set to “1” when any one of EP03 interrupt
source register’s bits at least is set to “1”.
This bit is cleared to “0” by clearing EP03 interrupt
source register to “0016”.
Writing to this bit causes no state change.
Write “0” when writing.
“0” is read when reading.
0 : No interrupt request issued
1 : Interrupt request issued
This bit is set to “1” when detecting 3 ms or more of J-
state, using USB clock (fUSB) at 48 MHz.
“0” can be set by software, but “1” cannot be set.
This bit is set to “1” when the USB bus state changes
from J-state to K-state or SE0 in the resume interrupt
enable bit = “1”. It is also “1” in the condition of internal
clock stopped.
This bit is cleared to “0” by clearing the resume
interrupt enable bit.
Writing to this bit causes no state change.
W
R
00
–: State remaining
Fig.37 Structure of USB interrupt source register
b7
b0
Endpoint index bit
Not used
EPIDX [1:0]
b7:b3
–
–
0
–
Endpoint index register (USBINDEX) [address 001816]
b1 b0
0 0 : Endpoint 0
0 1 : Endpoint 1
1 0 : Endpoint 2
1 1 : Endpoint 3
Write “0” when writing.
“0” is read when reading.
Bit name
Bit symbol
At reset
Function
O
O
O
O
–: State remaining
H/W
S/W
00
0
0 0
0
W
R
Fig. 38 Structure of Endpoint index register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com