Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K02FD Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # M38K02FD
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FD Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button M38K02FD Datasheet HTML 88Page - Renesas Technology Corp M38K02FD Datasheet HTML 89Page - Renesas Technology Corp M38K02FD Datasheet HTML 90Page - Renesas Technology Corp M38K02FD Datasheet HTML 91Page - Renesas Technology Corp M38K02FD Datasheet HTML 92Page - Renesas Technology Corp M38K02FD Datasheet HTML 93Page - Renesas Technology Corp M38K02FD Datasheet HTML 94Page - Renesas Technology Corp M38K02FD Datasheet HTML 95Page - Renesas Technology Corp M38K02FD Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 75 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
Fig. 106 Structure of Watchdog timer control register
Fig. 105 Block diagram of Watchdog timer
WATCHDOG TIMER
The watchdog timer gives a mean of returning to the reset status
when a program cannot run on a normal loop (for example, be-
cause of a software run-away). The watchdog timer consists of an
8-bit watchdog timer L and an 8-bit watchdog timer H.
Standard Operation of Watchdog Timer
When any data is not written into the watchdog timer control reg-
ister (address 003916) after resetting, the watchdog timer is in the
stop state. The watchdog timer starts to count down by writing an
optional value into the watchdog timer control register (address
003916) and an internal reset occurs at an underflow of the watch-
dog timer H.
Accordingly, programming is usually performed so that writing to
the watchdog timer control register (address 003916) may be
started before an underflow. When the watchdog timer control reg-
ister (address 003916) is read, the values of the high-order 6 bits
of the watchdog timer H, STP instruction disable bit (bit 6), and
watchdog timer H count source selection bit (bit 7) are read.
Initial Value of Watchdog Timer
At reset or writing to the watchdog timer control register (address
003916), each watchdog timer H and L is set to “FF16.”
qWatchdog timer H count source selection bit operation
Bit 7 of the watchdog timer control register (address 003916) per-
mits selecting a watchdog timer H count source. When this bit is
set to “0”, the count source becomes the underflow signal of
watchdog timer L. The detection time is set to 131.072 ms at sys-
tem clock 8 MHz frequency.
When this bit is set to “1”, the count source becomes the system
clock divided by 16. The detection time in this case is set to 512
µs at system clock 8 MHz frequency. This bit is cleared to “0” after
resetting.
qOperation of STP instruction disable bit
Bit 6 of the watchdog timer control register (address 003916) per-
mits disabling the STP instruction when the watchdog timer is in
operation.
When this bit is “0”, the STP instruction is enabled.
When this bit is “1”, the STP instruction is disabled.
Once the STP instruction is executed, an internal reset occurs.
When this bit is set to “1”, it cannot be rewritten to “0” by program.
This bit is cleared to “0” after resetting.
System clock
“0”
“1”
1/16
RESET
“FF16” is set when
watchdog timer
control register is
written to.
Watchdog timer L (8)
Watchdog timer H count
source selection bit
Watchdog timer H (8)
Data bus
“FF16” is set when
watchdog timer
control register is
written to.
STP instruction disable bit
STP instruction
Reset circuit
Internal reset
b0
STP instruction disable bit
0: STP instruction enabled
1: STP instruction disabled
Watchdog timer H count source selection bit
0: Watchdog timer L underflow
1: System clock/16
Watchdog timer H (for read-out of high-order 6 bit)
Watchdog timer control register
(WDTCON : address 003916)
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com