Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K02FD Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # M38K02FD
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FD Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button M38K02FD Datasheet HTML 103Page - Renesas Technology Corp M38K02FD Datasheet HTML 104Page - Renesas Technology Corp M38K02FD Datasheet HTML 105Page - Renesas Technology Corp M38K02FD Datasheet HTML 106Page - Renesas Technology Corp M38K02FD Datasheet HTML 107Page - Renesas Technology Corp M38K02FD Datasheet HTML 108Page - Renesas Technology Corp M38K02FD Datasheet HTML 109Page - Renesas Technology Corp M38K02FD Datasheet HTML 110Page - Renesas Technology Corp M38K02FD Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 90 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
Full Status Check
By performing full status check, it is possible to know the execu-
tion results of erase and program operations. Figure 121 shows a
full status check flowchart and the action to be taken when each
error occurs.
Fig. 121 Full status check flowchart and remedial procedure for errors
Read status register
SR4 = 1 and
SR5 = 1 ?
NO
YES
SR5 = 0 ?
YES
Erase error
NO
SR4 = 0 ?
YES
NO
Command
sequence error
Program error
End (block erase, program)
Execute the clear status register command (5016)
to clear the status register. Try performing the
operation one more time after confirming that the
command is entered correctly.
Should an erase error occur, the block in error
cannot be used.
Note: When one of SR5 and SR4 is set to “1”, none of the program, erase all blocks,
and block erase commands is accepted. Execute the clear status register
command (5016) before executing these commands.
Should a program error occur, the block in error
cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com