Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K02FD Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # M38K02FD
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FD Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button M38K02FD Datasheet HTML 118Page - Renesas Technology Corp M38K02FD Datasheet HTML 119Page - Renesas Technology Corp M38K02FD Datasheet HTML 120Page - Renesas Technology Corp M38K02FD Datasheet HTML 121Page - Renesas Technology Corp M38K02FD Datasheet HTML 122Page - Renesas Technology Corp M38K02FD Datasheet HTML 123Page - Renesas Technology Corp M38K02FD Datasheet HTML 124Page - Renesas Technology Corp M38K02FD Datasheet HTML 125Page - Renesas Technology Corp M38K02FD Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 105 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
qStatus Register 1 (SRD1)
The status register 1 indicates the status of serial communica-
tions, results from ID checks and results from check sum
comparisons. It can be read after the SRD by writing the read sta-
tus register command (7016). Also, status register 1 is cleared by
writing the clear status register command (5016).
Table 14 lists the definition of each status register 1 bit. This regis-
ter becomes “0016” when power is turned on and the flag status is
maintained even after the reset.
Table 14 Status register 1 (SRD1)
00
Not verified
01
Verification mismatch
10
Reserved
11
Verified
SR15 (bit7)
SR14 (bit6)
SR13 (bit5)
SR12 (bit4)
SR11 (bit3)
SR10 (bit2)
SR9 (bit1)
SR8 (bit0)
Boot update completed bit
Reserved
Reserved
Checksum match bit
ID check completed bits
Data reception time out
Reserved
“1”
Update completed
-
-
Match
Time out
-
“0”
Not Update
-
-
Mismatch
Normal operation
-
Definition
SRD1 bits
Status name
•Boot update completed bit (SR15)
This flag indicates whether the control program was downloaded
to the RAM or not, using the download function.
•Check sum consistency bit (SR12)
This flag indicates whether the check sum matches or not when a
program, is downloaded for execution using the download func-
tion.
•ID check completed bits (SR11 and SR10)
These flags indicate the result of ID checks. Some commands
cannot be accepted without an ID check.
•Data reception time out (SR9)
This flag indicates when a time out error is generated during data
reception. If this flag is attached during data reception, the re-
ceived data is discarded and the MCU returns to the command
wait state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com