Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 424 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 424 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 420Page - Renesas Technology Corp H8/3002 Datasheet HTML 421Page - Renesas Technology Corp H8/3002 Datasheet HTML 422Page - Renesas Technology Corp H8/3002 Datasheet HTML 423Page - Renesas Technology Corp H8/3002 Datasheet HTML 424Page - Renesas Technology Corp H8/3002 Datasheet HTML 425Page - Renesas Technology Corp H8/3002 Datasheet HTML 426Page - Renesas Technology Corp H8/3002 Datasheet HTML 427Page - Renesas Technology Corp H8/3002 Datasheet HTML 428Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 700 page
background image
Bit 7—Watchdog Timer Reset (WRST): During watchdog timer operation, this bit indicates that
TCNT has overflowed and generated a reset signal. This reset signal resets the entire H8/3002
chip internally. If bit RSTOE is set to 1, this reset signal is also output (low) at the
RESO pin to
initialize external system devices.
Bit 7
WRST
Description
0
[Clearing condition]
(1)Cleared to 0 by reset signal input at
RES pin
(Initial value)
(2)Cleared by reading WRST when WRST=1, then writing 0 in WRST
1
[Setting condition]
Set when TCNT overflow generates a reset signal during watchdog timer operation
Bit 6—Reset Output Enable (RSTOE): Enables or disables external output at the
RESO pin of
the reset signal generated if TCNT overflows during watchdog timer operation.
Bit 6
RSTOE
Description
0
Reset signal is not output externally
(Initial value)
1
Reset signal is output externally
Bits 5 to 0—Reserved: These bits cannot be modified and are always read as 1.
410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com