Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 426 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 426 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 422Page - Renesas Technology Corp H8/3002 Datasheet HTML 423Page - Renesas Technology Corp H8/3002 Datasheet HTML 424Page - Renesas Technology Corp H8/3002 Datasheet HTML 425Page - Renesas Technology Corp H8/3002 Datasheet HTML 426Page - Renesas Technology Corp H8/3002 Datasheet HTML 427Page - Renesas Technology Corp H8/3002 Datasheet HTML 428Page - Renesas Technology Corp H8/3002 Datasheet HTML 429Page - Renesas Technology Corp H8/3002 Datasheet HTML 430Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 700 page
background image
Writing to RSTCSR: RSTCSR must be written by a word transfer instruction. It cannot be
written by byte transfer instructions. Figure 12-3 shows the format of data written to RSTCSR. To
write 0 in the WRST bit, the write data must have H'A5 in the upper byte and H'00 in the lower
byte. The H'00 in the lower byte clears the WRST bit in RSTCSR to 0. To write to the RSTOE bit,
the upper byte must contain H'5A and the lower byte must contain the write data. Writing this
word transfers a write data value into the RSTOE bit.
Figure 12-3 Format of Data Written to RSTCSR
Reading TCNT, TCSR, and RSTCSR: These registers are read like other registers. Byte access
instructions can be used. The read addresses are H'FFA8 for TCSR, H'FFA9 for TCNT, and
H'FFAB for RSTCSR, as listed in table 12-3.
Table 12-3 Read Addresses of TCNT, TCSR, and RSTCSR
Address*
Register
H'FFA8
TCSR
H'FFA9
TCNT
H'FFAB
RSTCSR
Note: * Lower 16 bits of the address.
15
8 7
0
H'A5
H'00
Address
H'FFAA*
15
8 7
0
H'5A
Write data
Address
H'FFAA*
Writing 0 in WRST bit
Writing to RSTOE bit
Note:
Lower 16 bits of the address.
*
412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com