Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 431 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 431 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 427Page - Renesas Technology Corp H8/3002 Datasheet HTML 428Page - Renesas Technology Corp H8/3002 Datasheet HTML 429Page - Renesas Technology Corp H8/3002 Datasheet HTML 430Page - Renesas Technology Corp H8/3002 Datasheet HTML 431Page - Renesas Technology Corp H8/3002 Datasheet HTML 432Page - Renesas Technology Corp H8/3002 Datasheet HTML 433Page - Renesas Technology Corp H8/3002 Datasheet HTML 434Page - Renesas Technology Corp H8/3002 Datasheet HTML 435Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 700 page
background image
12.4 Interrupts
During interval timer operation, an overflow generates an interval timer interrupt (WOVI). The
interval timer interrupt is requested whenever the OVF bit is set to 1 in TCSR.
12.5 Usage Notes
Contention between TCNT Write and Increment: If a timer counter clock pulse is generated
during the T3 state of a write cycle to TCNT, the write takes priority and the timer count is not
incremented. See figure 12-8.
Figure 12-8 Contention between TCNT Write and Increment
Changing CKS2 to CKS0 Values: Halt TCNT by clearing the TME bit to 0 in TCSR before
changing the values of bits CKS2 to CKS0.
ø
TCNT
TCNT
NM
Counter write data
T3
T2
T1
Write cycle: CPU writes to TCNT
Internal write
signal
TCNT input
clock
417



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com