| Electronic Components Datasheet Search |
|
H8/3002 Datasheet(PDF) 433 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3002 Datasheet(HTML) 433 Page - Renesas Technology Corp |
|
433 / 700 page ![]() Section 13 Serial Communication Interface 13.1 Overview The H8/3002 has a serial communication interface (SCI) with two independent channels. Both channels are functionally identical. The SCI can communicate in asynchronous mode or synchronous mode, and has a multiprocessor communication function for serial communication among two or more processors. 13.1.1 Features SCI features are listed below. • Selection of asynchronous or synchronous mode for serial communication a. Asynchronous mode Serial data communication is synchronized one character at a time. The SCI can communicate with a universal asynchronous receiver/transmitter (UART), asynchronous communication interface adapter (ACIA), or other chip that employs standard asynchronous serial communication. It can also communicate with two or more other processors using the multiprocessor communication function. There are twelve selectable serial data communication formats. — Data length: 7 or 8 bits — Stop bit length: 1 or 2 bits — Parity bit: even, odd, or none — Multiprocessor bit: 1 or 0 — Receive error detection: parity, overrun, and framing errors — Break detection: by reading the RxD level directly when a framing error occurs b. Synchronous mode Serial data communication is synchronized with a clock signal. The SCI can communicate with other chips having a synchronous communication function. There is one serial data communication format. — Data length: 8 bits — Receive error detection: overrun errors 419 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |