| Electronic Components Datasheet Search |
|
H8/3002 Datasheet(PDF) 120 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3002 Datasheet(HTML) 120 Page - Renesas Technology Corp |
|
120 / 700 page ![]() 6.1.3 Input/Output Pins Table 6-1 summarizes the bus controller’s input/output pins. Table 6-1 Bus Controller Pins Name Abbreviation I/O Function Chip select 0 to 3 CS0 to CS3 Output Strobe signals selecting areas 0 to 3 Address strobe AS Output Strobe signal indicating valid address output on the address bus Read RD Output Strobe signal indicating reading from the external address space High write HWR Output Strobe signal indicating writing to the external address space, with valid data on the upper data bus (D15 to D8) Low write LWR Output Strobe signal indicating writing to the external address space, with valid data on the lower data bus (D7 to D0) Wait WAIT Input Wait request signal for access to external three- state-access areas Bus request BREQ Input Request signal for releasing the bus to an external device Bus acknowledge BACK Output Acknowledge signal indicating the bus is released to an external device 6.1.4 Register Configuration Table 6-2 summarizes the bus controller’s registers. Table 6-2 Bus Controller Registers Initial Value Address* Name R/W Modes 1 & 3 Modes 2 & 4 H'FFEC Bus width control register ABWCR R/W H'FF H'00 H'FFED Access state control register ASTCR R/W H'FF H'FF H'FFEE Wait control register WCR R/W H'F3 H'F3 H'FFEF Wait state controller enable register WCER R/W H'FF H'FF H'FFF3 Bus release control register BRCR R/W H'FE H'FE Note: * Lower 16 bits of the address. Abbrevi- ation 105 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |