Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 125Page - Renesas Technology Corp H8/3002 Datasheet HTML 126Page - Renesas Technology Corp H8/3002 Datasheet HTML 127Page - Renesas Technology Corp H8/3002 Datasheet HTML 128Page - Renesas Technology Corp H8/3002 Datasheet HTML 129Page - Renesas Technology Corp H8/3002 Datasheet HTML 130Page - Renesas Technology Corp H8/3002 Datasheet HTML 131Page - Renesas Technology Corp H8/3002 Datasheet HTML 132Page - Renesas Technology Corp H8/3002 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 700 page
background image
6.3.2 Chip Select Signals
For each of areas 0 to 3, the H8/3002 can output a chip select signal (CS0 to CS3) that goes low to
indicate when the area is selected. Figure 6-3 shows the output timing of a CSn signal (n = 0 to 3).
Output of the CSn signal is enabled or disabled in the data direction register (DDR) of the
corresponding port. A reset leaves pin CS0 in the output state and pins CS1 to CS3 in the input
state. To output chip select signals CS1 to CS3, the corresponding DDR bits must be set to 1.
For details see section 9, I/O Ports.
The CSn signals are decoded from the address signals. They can be used as chip select signals for
SRAM and other devices.
Figure 6-3 CSn Output Timing (n = 0 to 3)
Address
bus
n
T
T
T
1
2
3
External address in area n
ø
CS
114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com