Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 209Page - Renesas Technology Corp H8/3002 Datasheet HTML 210Page - Renesas Technology Corp H8/3002 Datasheet HTML 211Page - Renesas Technology Corp H8/3002 Datasheet HTML 212Page - Renesas Technology Corp H8/3002 Datasheet HTML 213Page - Renesas Technology Corp H8/3002 Datasheet HTML 214Page - Renesas Technology Corp H8/3002 Datasheet HTML 215Page - Renesas Technology Corp H8/3002 Datasheet HTML 216Page - Renesas Technology Corp H8/3002 Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 700 page
background image
Bit 6—Reserved: Although reserved, this bit can be written and read.
Bit 5—Destination Address Increment/Decrement (DAID) and Bit 4—Destination Address
Increment/Decrement Enable (DAIDE): These bits select whether the destination address
register (MARB), is incremented, decremented, or held fixed during the data transfer.
Bit 5
Bit 4
DAID
DAIDE
Description
0
0
MARB is held fixed
(Initial value)
1
MARB is incremented after each data transfer
• If DTSZ = 0, MARB is incremented by 1 after each data transfer
• If DTSZ = 1, MARB is incremented by 2 after each data transfer
1
0
MARB is held fixed
1
MARB is decremented after each data transfer
• If DTSZ = 0, MARB is decremented by 1 after each data transfer
• If DTSZ = 1, MARB is decremented by 2 after each data transfer
Bit 3—Transfer Mode Select (TMS): Selects whether the source or destination is the block area
in block transfer mode.
Bit 3
TMS
Description
0
Destination is the block area in block transfer mode
(Initial value)
1
Source is the block area in block transfer mode
199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com