Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 258 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 254Page - Renesas Technology Corp H8/3002 Datasheet HTML 255Page - Renesas Technology Corp H8/3002 Datasheet HTML 256Page - Renesas Technology Corp H8/3002 Datasheet HTML 257Page - Renesas Technology Corp H8/3002 Datasheet HTML 258Page - Renesas Technology Corp H8/3002 Datasheet HTML 259Page - Renesas Technology Corp H8/3002 Datasheet HTML 260Page - Renesas Technology Corp H8/3002 Datasheet HTML 261Page - Renesas Technology Corp H8/3002 Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 700 page
background image
Port 4 Data Register (P4DR): P4DR is an 8-bit readable/writable register that stores data for
pins P47 to P40.
When a bit in P4DDR is set to 1, if port 4 is read the value of the corresponding P4DR bit is
returned directly, regardless of the actual state of the pin. When a bit in P4DDR is cleared to 0, if
port 4 is read the corresponding pin level is read. This applies in both 8-bit and 16-bit bus modes.
P4DR is initialized to H'00 by a reset and in hardware standby mode. In software standby mode it
retains its previous setting.
Port 4 Input Pull-Up Control Register (P4PCR): P4PCR is an 8-bit readable/writable register
that controls the MOS input pull-up transistors in port 4.
In 8-bit bus mode, when a P4DDR bit is cleared to 0 (selecting generic input), if the
corresponding P4PCR bit is set to 1, the input pull-up transistor is turned on.
P4PCR is initialized to H'00 by a reset and in hardware standby mode. In software standby mode
it retains its previous setting.
Bit
Initial value
Read/Write
7
P4
0
R/W
Port 4 data 7 to 0
These bits store data for port 4 pins
7
6
P4
0
R/W
6
5
P4
0
R/W
5
4
P4
0
R/W
4
3
P4
0
R/W
3
2
P4
0
R/W
2
1
P4
0
R/W
1
0
P4
0
R/W
0
Bit
Initial value
Read/Write
7
P4 PCR
0
R/W
Port 4 input pull-up control 7 to 0
These bits control input pull-up transistors built into port 4
7
6
P4 PCR
0
R/W
6
5
P4 PCR
0
R/W
5
4
P4 PCR
0
R/W
4
3
P4 PCR
0
R/W
3
2
P4 PCR
0
R/W
2
1
P4 PCR
0
R/W
1
0
P4 PCR
0
R/W
0
244



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com