Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 262 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 258Page - Renesas Technology Corp H8/3002 Datasheet HTML 259Page - Renesas Technology Corp H8/3002 Datasheet HTML 260Page - Renesas Technology Corp H8/3002 Datasheet HTML 261Page - Renesas Technology Corp H8/3002 Datasheet HTML 262Page - Renesas Technology Corp H8/3002 Datasheet HTML 263Page - Renesas Technology Corp H8/3002 Datasheet HTML 264Page - Renesas Technology Corp H8/3002 Datasheet HTML 265Page - Renesas Technology Corp H8/3002 Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 700 page
background image
Port 6 Data Direction Register (P6DDR): P6DDR is an 8-bit write-only register that can select
input or output for each pin in port 6.
A pin in port 6 becomes an output pin if the corresponding P6DDR bit is set to 1, and an input pin
if this bit is cleared to 0. Bits 7 to 3 are reserved.
P6DDR is a write-only register. Its value cannot be read. All bits return 1 when read.
P6DDR is initialized to H'80 by a reset and in hardware standby mode. In software standby mode
it retains its previous setting. If a P6DDR bit is set to 1, the corresponding pin maintains its output
state in software standby mode.
Port 6 Data Register (P6DR): P6DR is an 8-bit readable/writable register that stores data for
pins P62 to P60.
When a bit in P6DDR is set to 1, if port 6 is read the value of the corresponding P6DR bit is
returned directly. When a bit in P6DDR is cleared to 0, if port 6 is read the corresponding pin
level is read. In this case bit 7 reads 1 and bits 6 to 3 have undetermined values. Bits 7 to 3 are
reserved. Bits 6 to 3 can be written and read, but they cannot be used for port input or output.
Bit 7 cannot be modified and always reads 1.
P6DR is initialized to H'80 by a reset and in hardware standby mode. In software standby mode it
retains its previous setting.
Bit
Initial value
Read/Write
7
—
1
—
6
P6 DDR
0
W
6
5
P6 DDR
0
W
5
4
P6 DDR
0
W
4
3
P6 DDR
0
W
3
2
P6 DDR
0
W
2
1
P6 DDR
0
W
1
0
P6 DDR
0
W
0
Reserved bits
Port 6 data direction 2 to 0
These bits select input or
output for port 6 pins
Bit
Initial value
Read/Write
7
—
1
—
6
P6
0
R/W
6
5
P6
0
R/W
5
4
P6
0
R/W
4
3
P6
0
R/W
3
2
P6
0
R/W
2
1
P6
0
R/W
1
0
P6
0
R/W
0
Reserved bits
Port 6 data 2 to 0
These bits store data
for port 6 pins
248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com