Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 265 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 265 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 261Page - Renesas Technology Corp H8/3002 Datasheet HTML 262Page - Renesas Technology Corp H8/3002 Datasheet HTML 263Page - Renesas Technology Corp H8/3002 Datasheet HTML 264Page - Renesas Technology Corp H8/3002 Datasheet HTML 265Page - Renesas Technology Corp H8/3002 Datasheet HTML 266Page - Renesas Technology Corp H8/3002 Datasheet HTML 267Page - Renesas Technology Corp H8/3002 Datasheet HTML 268Page - Renesas Technology Corp H8/3002 Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 700 page
background image
9.5 Port 8
9.5.1 Overview
Port 8 is a 5-bit input/output port that is also used for CS3 to CS0 output, RFSH output, and IRQ3
to IRQ0 input. Port 8 has the same set of pin functions in all operating modes. Figure 9-6 shows
the pin configuration of port 8.
Pins in port 8 can drive one TTL load and a 90-pF capacitive load. They can also drive a
darlington transistor pair. Pins P82 to P80 have Schmitt-trigger inputs.
Figure 9-6 Port 8 Pin Configuration
9.5.2 Register Descriptions
Table 9-7 summarizes the registers of port 8.
Table 9-7 Port 8 Registers
Address*
Name
Abbreviation
R/W
Initial Value
H'FFCD
Port 8 data direction register
P8DDR
W
H'F0
H'FFCF
Port 8 data register
P8DR
R/W
H'E0
Note: * Lower 16 bits of the address.
Port 8
P8 (input)/CS (output)
P8 (input)/CS (output)/IRQ (input)
P8 (input)/CS (output)/IRQ (input)
P8 (input)/CS (output)/IRQ (input)
P8 (input/output)/
4
3
2
1
0
0
1
2
3
Port 8 pins
RFSH (output)/IRQ (input)
0
3
2
1
251



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com