Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 268 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 268 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 264Page - Renesas Technology Corp H8/3002 Datasheet HTML 265Page - Renesas Technology Corp H8/3002 Datasheet HTML 266Page - Renesas Technology Corp H8/3002 Datasheet HTML 267Page - Renesas Technology Corp H8/3002 Datasheet HTML 268Page - Renesas Technology Corp H8/3002 Datasheet HTML 269Page - Renesas Technology Corp H8/3002 Datasheet HTML 270Page - Renesas Technology Corp H8/3002 Datasheet HTML 271Page - Renesas Technology Corp H8/3002 Datasheet HTML 272Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 700 page
background image
9.6 Port 9
9.6.1 Overview
Port 9 is a 6-bit input/output port that is also used for input and output (TxD0, TxD1, RxD0, RxD1,
SCK0, SCK1) by serial communication interface channels 0 and 1 (SCI0 and SCI1), and for IRQ5
and IRQ4 input. Port 9 has the same set of pin functions in all operating modes. Figure 9-7 shows
the pin configuration of port 9.
Pins in port 9 can drive one TTL load and a 30-pF capacitive load. They can also drive a
darlington transistor pair.
Figure 9-7 Port 9 Pin Configuration
9.6.2 Register Descriptions
Table 9-9 summarizes the registers of port 9.
Table 9-9 Port 9 Registers
Address*
Name
Abbreviation
R/W
Initial Value
H'FFD0
Port 9 data direction register
P9DDR
W
H'C0
H'FFD2
Port 9 data register
P9DR
R/W
H'C0
Note: * Lower 16 bits of the address.
Port 9
P9 (input/output)/SCK
P9 (input/output)/SCK
P9 (input/output)/RxD (input)
P9 (input/output)/RxD (input)
P9 (input/output)/TxD (output)
P9 (input/output)/TxD (output)
5
4
3
2
1
0
Port 9 pins
1
0
(input/output)/IRQ (input)
(input/output)/IRQ (input)
5
4
1
0
1
0
254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com