Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 263Page - Renesas Technology Corp H8/3002 Datasheet HTML 264Page - Renesas Technology Corp H8/3002 Datasheet HTML 265Page - Renesas Technology Corp H8/3002 Datasheet HTML 266Page - Renesas Technology Corp H8/3002 Datasheet HTML 267Page - Renesas Technology Corp H8/3002 Datasheet HTML 268Page - Renesas Technology Corp H8/3002 Datasheet HTML 269Page - Renesas Technology Corp H8/3002 Datasheet HTML 270Page - Renesas Technology Corp H8/3002 Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 700 page
background image
9.5.3 Pin Functions
The port 8 pins are also used for CS3 to CS0 and RFSH output and IRQ3 to IRQ0 input.
Table 9-8 describes the selection of pin functions.
Table 9-8 Port 8 Pin Functions
Pin
Pin Functions and Selection Method
P84/CS0
Bit P84DDR selects the pin function as follows
P84DDR
0
1
Pin function
P84 input
CS0 output
P83/CS1/IRQ3
Bit P83DDR selects the pin function as follows
P83DDR
0
1
Pin function
P83 input
CS1 output
IRQ3 input
P82/CS2/IRQ2
Bit P82DDR selects the pin function as follows
P82DDR
0
1
Pin function
P82 input
CS2 output
IRQ2 input
P81/CS3/IRQ1
Bit P81DDR selects the pin function as follows
P81DDR
0
1
Pin function
P81 input
CS3 output
IRQ1 input
P80/RFSH/IRQ0
Bit RFSHE in RFSHCR and bit P80DDR select the pin function as follows
RFSHE
0
1
P80DDR
0
1
—
Pin function
P80 input
P80 output
RFSH output
IRQ0 input
253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com