Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 271 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 267Page - Renesas Technology Corp H8/3002 Datasheet HTML 268Page - Renesas Technology Corp H8/3002 Datasheet HTML 269Page - Renesas Technology Corp H8/3002 Datasheet HTML 270Page - Renesas Technology Corp H8/3002 Datasheet HTML 271Page - Renesas Technology Corp H8/3002 Datasheet HTML 272Page - Renesas Technology Corp H8/3002 Datasheet HTML 273Page - Renesas Technology Corp H8/3002 Datasheet HTML 274Page - Renesas Technology Corp H8/3002 Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 700 page
background image
Table 9-10 Port 9 Pin Functions (cont)
Pin
Pin Functions and Selection Method
P93/RxD1
Bit RE in SCR of SCI1 and bit P93DDR select the pin function as follows
RE
0
1
P93DDR
0
1
—
Pin function
P93 input
P93 output
RxD1 input
P92/RxD0
Bit RE in SCR of SCI0 and bit P92DDR select the pin function as follows
RE
0
1
P92DDR
0
1
—
Pin function
P92 input
P92 output
RxD0 input
P91/TxD1
Bit TE in SCR of SCI1 and bit P91DDR select the pin function as follows
TE
0
1
P91DDR
0
1
—
Pin function
P91 input
P91 output
TxD1 output
P90/TxD0
Bit TE in SCR of SCI0 and bit P90DDR select the pin function as follows
TE
0
1
P90DDR
0
1
—
Pin function
P90 input
P90 output
TxD0 output
257



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com