| Electronic Components Datasheet Search |
|
H8/3002 Datasheet(PDF) 272 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3002 Datasheet(HTML) 272 Page - Renesas Technology Corp |
|
272 / 700 page ![]() 9.7 Port A 9.7.1 Overview Port A is an 8-bit input/output port that is also used for address output (A23 to A20), output (TP7 to TP0) from the programmable timing pattern controller (TPC), input and output (TIOCB2, TIOCA2, TIOCB1, TIOCA1, TIOCB0, TIOCA0, TCLKD, TCLKC, TCLKB, TCLKA) by the 16-bit integrated timer unit (ITU), and output (TEND1, TEND0) from the DMA controller (DMAC). Figure 9-8 shows the pin configuration of port A. Pins in port A can drive one TTL load and a 30-pF capacitive load. They can also drive a darlington transistor pair. Port A has Schmitt-trigger inputs. Figure 9-8 Port A Pin Configuration (1) Port A PA /TP /TIOCB /A PA /TP /TIOCA /A PA /TP /TIOCB /A PA /TP /TIOCA /A PA /TP /TIOCB /TCLKD PA /TP /TIOCA /TCLKC PA /TP /TEND /TCLKB PA /TP /TEND /TCLKA 7 6 5 4 3 2 1 0 Port A pins 7 6 5 4 3 2 1 0 1 0 Port A PA (input/output)/TP (output)/TIOCB (input/output) PA (input/output)/TP (output)/TIOCA (input/output) PA (input/output)/TP (output)/TIOCB (input/output) 7 6 5 4 3 2 1 0 Modes 1 and 2 PA (input/output)/TP (output)/TIOCA (input/output) PA (input/output)/TP (output)/TIOCB (input/output)/TCLKD (input) PA (input/output)/TP (output)/TIOCA (input/output)/TCLKC (input) PA (input/output)/TP (output)/TEND (output)/TCLKB (input) PA (input/output)/TP (output)/TEND (output)/TCLKA (input) 7 6 5 4 3 2 1 0 2 2 1 1 0 0 1 0 2 2 1 1 0 0 20 21 22 23 258 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |