Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3002 Datasheet(PDF) 270 Page - Renesas Technology Corp

Part # H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Datasheet(HTML) 270 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 266Page - Renesas Technology Corp H8/3002 Datasheet HTML 267Page - Renesas Technology Corp H8/3002 Datasheet HTML 268Page - Renesas Technology Corp H8/3002 Datasheet HTML 269Page - Renesas Technology Corp H8/3002 Datasheet HTML 270Page - Renesas Technology Corp H8/3002 Datasheet HTML 271Page - Renesas Technology Corp H8/3002 Datasheet HTML 272Page - Renesas Technology Corp H8/3002 Datasheet HTML 273Page - Renesas Technology Corp H8/3002 Datasheet HTML 274Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 700 page
background image
9.6.3 Pin Functions
The port 9 pins are also used for SCI0 and SCI1 input and output (TxD0, RxD0, SCK0, TxD1,
RxD1, SCK1), and for IRQ5 and IRQ4 input. Table 9-10 describes the selection of pin functions.
Table 9-10 Port 9 Pin Functions
Pin
Pin Functions and Selection Method
P95/SCK1/IRQ5
Bit C/
A in SMR of SCI1, bits CKE0 and CKE1 in SCR of SCI1, and bit P95DDR
select the pin function as follows
CKE1
0
1
C/
A
01
—
CKE0
0
1
—
—
P95DDR
0
1
—
—
—
Pin function
P95
P95
SCK1 output SCK1 output
SCK1 input
input output
IRQ5 input
P94/SCK0/IRQ4
Bit C/
A in SMR of SCI0, bits CKE0 and CKE1 in SCR of SCI0, and bit P94DDR
select the pin function as follows
CKE1
0
1
C/
A
01
—
CKE0
0
1
—
—
P94DDR
0
1
—
—
—
Pin function
P94
P94
SCK0 output SCK0 output
SCK0 input
input output
IRQ4 input
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com