Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM357 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM357
Description  Digital Media System-on-Chip
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM357 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320DM357 Datasheet HTML 59Page - Texas Instruments TMS320DM357 Datasheet HTML 60Page - Texas Instruments TMS320DM357 Datasheet HTML 61Page - Texas Instruments TMS320DM357 Datasheet HTML 62Page - Texas Instruments TMS320DM357 Datasheet HTML 63Page - Texas Instruments TMS320DM357 Datasheet HTML 64Page - Texas Instruments TMS320DM357 Datasheet HTML 65Page - Texas Instruments TMS320DM357 Datasheet HTML 66Page - Texas Instruments TMS320DM357 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 195 page
background image
TMS320DM357
Digital Media System-on-Chip
www.ti.com
SPRS553 – NOVEMBER 2008
Figure 3-5. PINMUX0 Register(1)
31
30
29
28
27
26
25
24
23
22
21
18
17
16
EMACEN
RSV
HPIEN
RSV
CFLDEN
CWE
LFLDEN
LOEEN
RGB888
RGB666
Reserved
RSV
RSV
R/W-0
R/W-0
R/W-D
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R-0000
R/W-0
R/W-0
15
14
13
12
11
10
9
5
4
0
RSV
RSV
RSV
AECS5
AECS4
Reserved
AEAW
R/W-0
R/W-0
R/W-00
R/W-0
R/W-0
R-00000
R/W-LLLL
LEGEND: R = Read; W = Write; L = pin state latched at reset rising edge; D = derived from pin states; -n = value after reset
(1)
For proper DM357 device operation, always write a value of '0' to RSV bits 30 and 17 through 12.
Table 3-11. PINMUX0 Register Description
Name
Description
EMACEN
Enable EMAC and MDIO function on default GPIO3V[0:16] pins.
HPIEN
Enable HPI module pins. Default value is derived from BTSEL[1:0] configuration inputs.
HPIEN is 1 when the BTSEL[1:0] = 10 for non-secure devices only. HPIEN default state
is always 0 for secure divices.
CFLDEN
Enable CCD C_FIELD function on default GPIO[4] pin
CWE
Enable CCD C_WE function on default GPIO[1] pin
LFLDEN
Enable LCD_FIELD function on default GPIO[3] pin
LOEEN
Enable LCD_OE function on default GPIO[0] pin
RGB888
Enable VPBE RGB888 function on default GPIO[2:6, 46:47] pins
RGB666
Enable VPBE RGB666 function on default GPIO[46:47] pins
AECS5
Enable EMIFA EM_CS5 function on GPIO[8]
AECS4
Enable EMIFA EM_CS4 function on GPIO[9]
AEAW
EMIFA address width selection. Default value is latched at reset from AEAW[4:0]
configuration input pins. This enables EMIF address function on default GPIO[10:28]
pins.
Submit Documentation Feedback
Device Configurations
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com