Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM357 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM357
Description  Digital Media System-on-Chip
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM357 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320DM357 Datasheet HTML 1Page - Texas Instruments TMS320DM357 Datasheet HTML 2Page - Texas Instruments TMS320DM357 Datasheet HTML 3Page - Texas Instruments TMS320DM357 Datasheet HTML 4Page - Texas Instruments TMS320DM357 Datasheet HTML 5Page - Texas Instruments TMS320DM357 Datasheet HTML 6Page - Texas Instruments TMS320DM357 Datasheet HTML 7Page - Texas Instruments TMS320DM357 Datasheet HTML 8Page - Texas Instruments TMS320DM357 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 195 page
background image
1.2 Description
TMS320DM357
Digital Media System-on-Chip
SPRS553 – NOVEMBER 2008
www.ti.com
• IEEE-1149.1 (JTAG) Boundary-
• 0.09-µm/6-Level Cu Metal Process (CMOS)
Scan-Compatible
• 3.3-V and 1.8-V I/O, 1.2-V Core
• Up to 71 General-Purpose I/O (GPIO) Pins
• Applications:
(Multiplexed With Other Device Functions)
–
Digital Media
• 361-Pin Pb-Free BGA Package
–
Networked Media Encode/Decode
(ZWT Suffix), 0.8-mm Ball Pitch
–
Video Imaging
The TMS320DM357 (also referenced as DM357) leverages TI’s DaVinci™ technology to meet the
networked media encode and decode application processing needs of next-generation embedded devices.
The DM357 enables OEMs and ODMs to quickly bring to market devices featuring robust operating
systems support, rich user interfaces, high processing performance, and long battery life through the
maximum flexibility of a fully integrated mixed processor solution.
The ARM926EJ-S is a 32-bit RISC processor core that performs 32-bit or 16-bit instructions and
processes 32-bit, 16-bit, or 8-bit data. The core uses pipelining so that all parts of the processor and
memory system can operate continuously.
The ARM core incorporates:
• A coprocessor 15 (CP15) and protection module
• Data and program Memory Management Units (MMUs) with table look-aside buffers.
• Separate 16K-byte instruction and 8K-byte data caches. Both are four-way associative with virtual
index virtual tag (VIVT).
The DM357 performance is enhanced by its H.264/MPEG4/JPEG coprocessor (HMJCP). The HMJCP
performs the computational operations required for image processing; JPEG compression and MPEG4
video and imaging standard. The H.264/MPEG4/JPEG coprocessor supports MPEG4 Simple Profile (SP) ,
D1, VGA, SIF encode/decode resolutions and JPEG encode/decode.
The peripheral set includes: 2 configurable video ports (one input port and one output port); a 10/100 Mb/s
Ethernet MAC (EMAC) with a Management Data Input/Output (MDIO) module; an inter-integrated circuit
(I2C) Bus interface; one audio serial port (ASP); 2 64-bit general-purpose timers each configurable as 2
independent 32-bit timers; 1 64-bit watchdog timer; up to 71-pins of general-purpose input/output (GPIO)
with programmable interrupt/event generation modes, multiplexed with other peripherals; 3 UARTs with
hardware handshaking support on 1 UART; 3 pulse width modulator (PWM) peripherals; and 2 external
memory interfaces: an asynchronous external memory interface (EMIFA) for slower memories/peripherals,
and a higher speed synchronous memory interface for DDR2.
The DM357 device includes a Video Processing Subsystem (VPSS) with two configurable video/imaging
peripherals: 1 Video Processing Front-End (VPFE) input used for video capture, and 1 Video Processing
Back-End (VPBE) output for displaying video images.
The Video Processing Front-End (VPFE) is comprised of a CCD Controller (CCDC), a Preview Engine
(Previewer), Histogram Module, Auto-Exposure/White Balance/Focus Module (H3A), and Resizer. The
CCDC is capable of interfacing to common video decoders, CMOS sensors, and Charge Coupled Devices
(CCDs). The Previewer is a real-time image processing engine that takes raw imager data from a CMOS
sensor or CCD and converts from an RGB Bayer Pattern to YUV4:2:2. The Histogram and H3A modules
provide statistical information on the raw color data for use by the DM357. The Resizer accepts image
data for separate horizontal and vertical resizing from 1/4x to 4x in increments of 256/N, where N is
between 64 and 1024.
Digital Media System-on-Chip (DMSoC)
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com