Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM357 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM357
Description  Digital Media System-on-Chip
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM357 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320DM357 Datasheet HTML 9Page - Texas Instruments TMS320DM357 Datasheet HTML 10Page - Texas Instruments TMS320DM357 Datasheet HTML 11Page - Texas Instruments TMS320DM357 Datasheet HTML 12Page - Texas Instruments TMS320DM357 Datasheet HTML 13Page - Texas Instruments TMS320DM357 Datasheet HTML 14Page - Texas Instruments TMS320DM357 Datasheet HTML 15Page - Texas Instruments TMS320DM357 Datasheet HTML 16Page - Texas Instruments TMS320DM357 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 195 page
background image
TMS320DM357
Digital Media System-on-Chip
www.ti.com
SPRS553 – NOVEMBER 2008
Table 2-3. Configuration Memory Map Summary
START
END
SIZE
ARM/EDMA
ADDRESS
ADDRESS
(Bytes)
0x0180 0000
0x0180 FFFF
64K
0x0181 0000
0x0181 0FFF
4K
0x0181 1000
0x0181 1FFF
4K
0x0181 2000
0x0181 2FFF
4K
0x0182 0000
0x0182 FFFF
64K
Reserved
0x0183 0000
0x0183 FFFF
64K
0x0184 0000
0x0184 FFFF
64K
0x0185 0000
0x0187 FFFF
192K
0x0188 0000
0x01BB FFFF
3328K
0x01BC 0000
0x01BC 00FF
256
0x01BC 0100
0x01BC 01FF
256
ARM ETB Memory
0x01BC 0200
0x01BC 0FFF
3.5K
0x01BC 1000
0x01BC 17FF
2K
ARM ETB Registers
0x01BC 1800
0x01BC 18FF
256
ARM Ice Crusher
0x01BC 1900
0x01BF FFFF
255744
Reserved
0x01C0 0000
0x01C0 FFFF
64K
EDMA CC
0x01C1 0000
0x01C1 03FF
1K
EDMA TC0
0x01C1 0400
0x01C1 07FF
1K
EDMA TC1
0x01C1 8800
0x01C1 9FFF
6K
Reserved
0x01C1 A000
0x01C1 FFFF
24K
0x01C2 0000
0x01C2 03FF
1K
UART0
0x01C2 0400
0x01C2 07FF
1K
UART1
0x01C2 0800
0x01C2 0BFF
1K
UART2
0x01C2 0C00
0x01C2 0FFF
1K
Reserved
0x01C2 1000
0x01C2 13FF
1K
I2C
0x01C2 1400
0x01C2 17FF
1K
Timer0
0x01C2 1800
0x01C2 1BFF
1K
Timer1
0x01C2 1C00
0x01C2 1FFF
1K
Timer2 (Watchdog)
0x01C2 2000
0x01C2 23FF
1K
PWM0
0x01C2 2400
0x01C2 27FF
1K
PWM1
0x01C2 2800
0x01C2 2BFF
1K
PWM2
0x01C2 2C00
0x01C3 FFFF
117K
Reserved
0x01C4 0000
0x01C4 07FF
2K
System Module
0x01C4 0800
0x01C4 0BFF
1K
PLL Controller 1
0x01C4 0C00
0x01C4 0FFF
1K
PLL Controller 2
0x01C4 1000
0x01C4 1FFF
4K
Power and Sleep Controller
0x01C4 2000
0x01C4 202F
48
Reserved
0x01C4 2030
0x01C4 2033
4
DDR2 VTP Reg
0x01C4 2034
0x01C4 23FF
1K - 52
Reserved
0x01C4 2400
0x01C4 7FFF
23K
0x01C4 8000
0x01C4 83FF
1K
ARM Interrupt Controller
0x01C4 8400
0x01C5 FFFF
95K
Reserved
0x01C6 0000
0x01C6 3FFF
16K
0x01C6 4000
0x01C6 5FFF
8K
USB2.0 OTG Registers / RAM
0x01C6 6000
0x01C6 67FF
2K
Reserved
0x01C6 6800
0x01C6 6FFF
2K
SPI
Submit Documentation Feedback
Device Overview
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com