Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM357 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM357
Description  Digital Media System-on-Chip
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM357 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320DM357 Datasheet HTML 17Page - Texas Instruments TMS320DM357 Datasheet HTML 18Page - Texas Instruments TMS320DM357 Datasheet HTML 19Page - Texas Instruments TMS320DM357 Datasheet HTML 20Page - Texas Instruments TMS320DM357 Datasheet HTML 21Page - Texas Instruments TMS320DM357 Datasheet HTML 22Page - Texas Instruments TMS320DM357 Datasheet HTML 23Page - Texas Instruments TMS320DM357 Datasheet HTML 24Page - Texas Instruments TMS320DM357 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 195 page
background image
TMS320DM357
Digital Media System-on-Chip
www.ti.com
SPRS553 – NOVEMBER 2008
Table 2-7. RESET and JTAG Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
RESET
IPU
RESET
L4
I
This is the active low global reset input.
DVDD18
JTAG
IPU
TMS
E6
I
JTAG test-port mode select input
DVDD18
–
TDO
B5
O/Z
JTAG test-port data output
DVDD18
IPU
TDI
A5
I
JTAG test-port data input
DVDD18
IPU
TCK
A6
I
JTAG test-port clock input
DVDD18
–
RTCK
B6
O/Z
JTAG test-port return clock output
DVDD18
IPD
JTAG test-port reset. For IEEE 1149.1 JTAG compatibility, see the IEEE 1149.1
TRST
D7
I
DVDD18
JTAG compatibility statement portion of this data manual .
IPU
EMU1
C6
I/O/Z
Emulation pin 1
DVDD18
IPU
EMU0
D6
I/O/Z
Emulation pin 0
DVDD18
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. (To pull up a signal to the opposite supply rail, a 1-k
Ω resistor should be used.)
(3)
Specifies the operating I/O supply voltage for each signal
Submit Documentation Feedback
Device Overview
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com