| Electronic Components Datasheet Search |
|
AT83R5122XXX-RDTUM Datasheet(PDF) 71 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83R5122XXX-RDTUM Datasheet(HTML) 71 Page - ATMEL Corporation |
|
71 / 208 page ![]() 71 AT83R5122, AT8xC5122/23 4202F–SCR–07/2008 Removal of the smart card will automatically start the power off sequence as described in Figure 38. The SCIB deactivation sequence after a reset of the CPU or after a lost of power supply is ISO7816-3 compliant. The switching order of the signals is the same as in Figure 38 but the delay between signals is analog and not clock dependant. Figure 38. SCIB Deactivation Sequence after a Card Extraction Interrupt Generator There are several sources of interruption but the SCIB macro-cell issues only one inter- rupt signal: SCIBIT. Figure 39. SCIB Interrupt Sources This signal is high level active. Each of the sources is able to activate the SCIB interrup- tion which is cleared when the Smart Card Interrupt register is read by the microcontroller. If during the read of the Smart Card Interrupt register another interrupt occurs, the acti- vation of the corresponding bit in the Smart Card Interrupt register and the new SCIB interruption is delayed until the interrupt register is read by the microcontroller. Warning : Each bit of the SCIIR register is irrelevant while the corresponding interrup- tion is disabled in SCIER register. When the interruption mode is not used, the bits of the SCISR register must be used instead of the bits of the SCIIR register. CVCC CRST CCLK CIO 8 Clock Cycles ESCTBI ICARDER ESCWTI ESCRI ESCPI EVCARDER Transmit buffer copied to shift register Output current out of range Output voltage out of range Timeout on WT counter Complete transmission Complete reception Parity error detected SCIB IT ESCTI SCTBI ICARDERR VCARDERR SCWTI SCTI SCRI SCPI |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |