| Electronic Components Datasheet Search |
|
AT83R5122XXX-RDTUM Datasheet(PDF) 100 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83R5122XXX-RDTUM Datasheet(HTML) 100 Page - ATMEL Corporation |
|
100 / 208 page ![]() 100 AT83R5122, AT8xC5122/23 4202F–SCR–07/2008 Read/Write Data FIFO Read Data FIFO The read access for each OUT endpoint is performed using the UEPDATX register. After a new valid packet has been received on an Endpoint, the data are stored into the FIFO and the byte counter of the endpoint is updated (UBYCTX register). The firmware has to store the endpoint byte counter before any access to the endpoint FIFO. The byte counter is not updated when reading the FIFO. To read data from an endpoint, select the correct endpoint number in UEPNUM and read the UEPDATX register. This action automatically decreases the corresponding address vector, and the next data is then available in the UEPDATX register. Write Data FIFO The write access for each IN endpoint is performed using the UEPDATX register. To write a byte into an IN endpoint FIFO, select the correct endpoint number in UEP- NUM and write into the UEPDATX register. The corresponding address vector is automatically increased, and another write can be carried out. Warning 1: The byte counter is not updated. Warning 2: Do not write more bytes than supported by the corresponding endpoint. Figure 53. Endpoint FIFO Configuration Endpoint 0 - bank 0 Endpoint 1 - bank 0 Endpoint 2 - bank 0 Endpoint 3 - bank 0 Endpoint 4 - bank 0 Endpoint 5 - bank 0 Endpoint 6 - bank 0 Endpoint 6 - bank 1 8 Bytes 32 Bytes 8 Bytes 8 Bytes 64 Bytes 2 x 64 Bytes 00H 20H 28H 30H 38H 78H B8H F8H 138H 64 Bytes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |