Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT83R5122XXX-RDTUM Datasheet(PDF) 78 Page - ATMEL Corporation

Part # AT83R5122XXX-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83R5122XXX-RDTUM Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button AT83R5122XXX-RDTUM Datasheet HTML 74Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 75Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 76Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 77Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 78Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 79Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 80Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 81Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 208 page
background image
78
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Reset Value = 0X00 0000b
Table 45.
Smart Card Contacts Register - SCCON (S:ACh, SCRS=0)
765
43
21
0
CLK
-
CARDC8
CARDC4
CARDIO
CARDCLK
CARDRST
CARDVCC
Bit Number
Bit Mnemonic
Description
7CLK
Card Clock Selection
Clear this bit to use the Card CLK bit (CARDCLK bit below) to drive Card CLK (P1.4) pin.
Set this bit to use CK_XTAL1 or CK_PLL signals for CK_ISO to drive the Card CLK pin (CCLK = P1.4 pin)
Note:
internal synchronization avoids glitches on the CLK pin when switching this bit.
6-
Reserved
This bit can be changed by software but the read value is indeterminate.
5
CARDC8
Card C8
Clear this bit to drive a low level on the Card C8 pin (CC8 = P1.1 pin).
Set this bit to set a high level on the Card C8 pin (CC8 = P1.1 pin)..
The CC8 pin can be used as a pseudo bi-directional I/O when this bit is set.
Warning
: VCARDOK=1 (SCISR.4 bit) condition must be true to change the state of CC8 pin
4
CARDC4
Card C4
Clear this bit to drive a low level on the Card C4 pin (CC4 = P1.3 pin).
Set this bit to set a high level on the Card C4 pin (CC4 = P1.3 pin).
The CC4 pin can be used as a pseudo bi-directional I/O when this bit is set.
Warning
: VCARDOK=1 (SCISR.4 bit) condition must be true to change the state of CC4 pin
3CARDIO
Card I/O
If UART bit is cleared in SCICR register, this bit enables the use of the Card IO pin (CIO = P1.0) as a C51
pseudo bi-directional port :
To read from CIO (P1.0) port pin : set CARDIO (P1.0) bit then read CARDIO (P1.0) bit to have the CIO port
value
To write in CIO (P1.0) port pin : set CARDIO (P1.0) bit to write a 1 in CIO (P1.0) port pin , clear CARDIO (P1.0)
bit to write a 0 in CIO (P1.0) port pin.
Warning
: VCARDOK=1 (SCISR.4 bit) condition must be true to change the state of CIO pin
2
CARDCLK
Card CLK
When the CLK bit is cleared in SCCON Register, the value of this bit is driven to the Card CLK pin.
Warning
: VCARDOK=1 (SCISR.4 bit) condition must be true to change the state of Card CLK pin
1
CARDRST
Card RST
Clear this bit to drive a low level on the Card RST pin.
Set this bit to set a high level on the Card RST pin.
Warning
: VCARDOK=1 (SCISR.4 bit) condition must be true to change the state of Card RST pin
0
CARDVCC
Card VCC Control
Clear this bit to desactivate the Card interface and set its power-off. The other bits of SCCON register have no
effect while this bit is cleared.
Set this bit to power-on the Card interface. The activation sequence should be handled by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com