Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT83R5122XXX-RDTUM Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT83R5122XXX-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83R5122XXX-RDTUM Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT83R5122XXX-RDTUM Datasheet HTML 23Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 24Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 25Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 26Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 27Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 28Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 29Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 30Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 208 page
background image
27
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Figure 12.
AT8xC5122’s CRAM and E2PROM Versions
Reset@ <0000>
EA = 0
PROGRAM
EXTERNAL
PROGRAM
PSEN
Reset@
0000
7FFF
8000
FFFF
32K
ROM
32K
CRAM
<F800>
EA = 1
INTERNAL
INTERNAL
32K
PROGRAM
EXTERNAL
ENBOOT=1
ENBOOT=0
8000
FFFF
MEMORY
On-chip
512 bytes
XRAM
0000
01FF
FFFF
RD
WR
DATA MEMORY
(Read / Write)
0000
EXTRAM=0
EXTRAM=1
EXTERNAL
EXTERNAL
XRAM
XRAM
01FF
0200
PSEN
Roll-Over
Roll-Over
MEMORY
MEMORY
32K
INTERNAL
E2PROM
(Read/Write)
(Read Only)
(Read/Write)
SFR
Space
80
FF
00
7F
80
FF
Upper
128 Bytes
RAM
Lower
128 Bytes
RAM
On-Chip 256 bytes RAM
Direct
Addressing
Indirect
Addressing
512 Bytes
INTERNAL
E2PROM
01FF
0000
Optional
FFFF
8000
(applicable only to CRAM version)
(E2PROM version)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com