Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT83R5122XXX-RDTUM Datasheet(PDF) 82 Page - ATMEL Corporation

Part # AT83R5122XXX-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83R5122XXX-RDTUM Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button AT83R5122XXX-RDTUM Datasheet HTML 78Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 79Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 80Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 81Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 82Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 83Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 84Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 85Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 208 page
background image
82
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Reset Value = X000 1000b
Reset Value = 0000 0000b
Table 49.
Smart Card Selection Register - SCSR (S:ABh)
76
54
32
10
-
BGTEN
-
CREPSEL
ALTKPS1
ALTKPS0
SCCLK1
SCRS
Bit Number
Bit Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not change this bit.
6BGTEN
Block Guard Time Enable
Set this bit to select the minimum interval between the leading edge of the start bits of the last character
received from the ICC and the first character sent by the Terminal. The transfer of GT[8-0] value to the BGT
counter is done on the rising edge of the BGTEN.
Clear this bit to suppress the minimum time between reception and transmission.
5-
Reserved
The value read from this bit is indeterminate. Do not change this bit.
4
CREPSEL
Character repetition selection
Clear this bit to select 5 times transmission (1 original + 4 repetitions) before parity error indication (conform to
EMV)
Set this bit to select 4 times transmission (1 original + 3 repetitions) before parity error indication
3-2
ALTKPS1:0
Alternate Card Clock prescaler factor
00 ALTKPS = 0: prescaler factor equals 1
01 ALTKPS = 1: prescaler factor equals 2
10 ALTKPS = 2: prescaler factor equals 4 (reset value)
11 ALTKPS = 3: prescaler factor equals 8
1SCCLK1
Alternate card clock selection
Set to select the prescaled PR3 clock for CCLK1 (P1.7) pin
Clear to select P1.7 port bit
0
SCRS
Smart Card Register Selection
The SCRS bit selects which set of the SCIB registers is accessed.
Table 50.
Smart Card Transmit / Receive Buffer - SCIBUF (S:AA)
76
54
32
10
-
--
--
--
-
Bit Number
Bit Mnemonic
Description
--
Smart Card Transmit / Receive Buffer
- A new byte can be written in the buffer to be transmitted on the I/O pin when SCTBE bit is set.
The bits are sorted and copied on the I/O pin versus the active convention.
- A new byte received from I/O pin is ready to be read when SCRI bit is set.
The bits are sorted versus the active convention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com