Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COREPCI-AR Datasheet(PDF) 13 Page - Actel Corporation

Part # COREPCI-AR
Description  CorePCI v5.41
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREPCI-AR Datasheet(HTML) 13 Page - Actel Corporation

Back Button COREPCI-AR Datasheet HTML 9Page - Actel Corporation COREPCI-AR Datasheet HTML 10Page - Actel Corporation COREPCI-AR Datasheet HTML 11Page - Actel Corporation COREPCI-AR Datasheet HTML 12Page - Actel Corporation COREPCI-AR Datasheet HTML 13Page - Actel Corporation COREPCI-AR Datasheet HTML 14Page - Actel Corporation COREPCI-AR Datasheet HTML 15Page - Actel Corporation COREPCI-AR Datasheet HTML 16Page - Actel Corporation COREPCI-AR Datasheet HTML 17Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
CorePCI v5.41
v4.0
13
Read-Only Configuration Registers
The read-only registers listed in Table 8 on page 13 have
default values, but should be modified by the designer.
See the PCI specification for setting these values:
•
Vendor ID
•
Device ID
•
Revision ID
•
Class Code
•
Subsystem ID
•
Subsystem Vendor ID
The header type register is also read-only, but should not
be modified (pre-set to a constant value of '00h'). The
Capability Pointer is included when the HOT_SWAP_EN
customization constant is set to '1'b. See Table 13 on
page 16 for more information.
Read/Write Configuration Registers
The following registers have at least one bit that is both
read and write capable. For a complete description, refer
to the appropriate table.
•
"Command Register (04h)" (Table 9 on page 14)
•
" Status Register (06h)" (Table 10 on page 14)
•
"Memory Base Address Register Bit Definition
(Locations 10h or 14h)" (Table 11 on page 16)
•
"I/O
Base
Address
Register
Bit
Definitions
(Location 14h Only)" (Table 12 on page 16)
•
"Interrupt Register (3Ch)" (Table 14 on page 16)
•
"Interrupt Control/Status Register (48h)" (Table 15
on page 16)
•
"Optional Hot-Swap Register (80h)" (Table 16 on
page 16)
Table 8 • PCI Configuration Header
31–24
23–16
15–8
7–0
Address
Device ID
Vendor ID
00h
Status
Command
04h
Class Code
Revision ID
08h
BIST
Header Type
Latency Timer
Cache Line Size
0Ch
Base Address #0 (Memory Location for Baseline Target)
10h
Base Address #1 (Optional Memory or I/O)
14h
Base Address #2 (Optional I/O for DMA Register Mapping)
18h
Base Address #3
1Ch
Base Address #4
20h
Base Address #5
24h
CardBus CIS Pointer
28h
Subsystem ID
Subsystem Vendor ID
2Ch
Expansion ROM Base Address
30h
Reserved
Capabilities Pointer
34h
Reserved
38h
Max_Lat
Min_Gnt
Interrupt Pin
Interrupt Line
3Ch
Interrupt Control/Status Register
48h
Hot-Swap Register (optional)
80h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com