Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COREPCI-AR Datasheet(PDF) 37 Page - Actel Corporation

Part # COREPCI-AR
Description  CorePCI v5.41
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREPCI-AR Datasheet(HTML) 37 Page - Actel Corporation

Back Button COREPCI-AR Datasheet HTML 33Page - Actel Corporation COREPCI-AR Datasheet HTML 34Page - Actel Corporation COREPCI-AR Datasheet HTML 35Page - Actel Corporation COREPCI-AR Datasheet HTML 36Page - Actel Corporation COREPCI-AR Datasheet HTML 37Page - Actel Corporation COREPCI-AR Datasheet HTML 38Page - Actel Corporation COREPCI-AR Datasheet HTML 39Page - Actel Corporation COREPCI-AR Datasheet HTML 40Page - Actel Corporation COREPCI-AR Datasheet HTML 41Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
CorePCI v5.41
v4.0
37
Notes:
1. Once CorePCI is granted the PCI bus, the core asserts DP_START and begins the process of enabling the bus to drive FRAMEn.
2. The PCI address and command are valid at the same time that FRAMEn is driven low.
3. Once FRAMEn is driven, if the backend is prepared to supply data, then IRDYn is asserted on the following cycle. The core can store
up to two DWORDs of data. If the Target has not responded with a TRDYn when the second DWORD is read, then the core will cease
reading as indicated by the RD_BE_NOW signal de-asserting.
4. The core then waits for the Target to complete the transfer by asserting TRDYn.
5. The transfer continues until either the transfer count is exhausted or the Target disconnects.
6. Cycle termination is initiated by driving FRAMEn high.
7. The number of clock cycles from DP_START to FRAMEn assertion can be increased by asserting STALL_MASTER.
Figure 22 • Zero-Wait-State DMA Master Write (Write to the PCI Bus)
CLK
FRAMEn
AD[31:0]
C_BE[3:0]
IRDYn
TRDYn
DEVSELn
PAR
STOPn
13
14
15
16
56
7
8
910
11
12
12
3
4
MEM_ADDRESS[23:2]
MEM_DATA[31:0]
RD_BE_NOW
RD_BE_RDY
DP_START
data3
data4
data5
data1
data2
data3
addr3
addr4
addr5
addr6
byte enables
Pd1
Pd2
Pd3
addr
Paddr
CMD
data0
add0
add1
add2
data0
data1
data2
Pd0
DP_DONE
RD_CYC
BARn_CYC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com