Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COREPCI-AR Datasheet(PDF) 39 Page - Actel Corporation

Part # COREPCI-AR
Description  CorePCI v5.41
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREPCI-AR Datasheet(HTML) 39 Page - Actel Corporation

Back Button COREPCI-AR Datasheet HTML 34Page - Actel Corporation COREPCI-AR Datasheet HTML 35Page - Actel Corporation COREPCI-AR Datasheet HTML 36Page - Actel Corporation COREPCI-AR Datasheet HTML 37Page - Actel Corporation COREPCI-AR Datasheet HTML 38Page - Actel Corporation COREPCI-AR Datasheet HTML 39Page - Actel Corporation COREPCI-AR Datasheet HTML 40Page - Actel Corporation COREPCI-AR Datasheet HTML 41Page - Actel Corporation COREPCI-AR Datasheet HTML 42Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
CorePCI v5.41
v4.0
39
When STALL_MASTER is active (see Figure 24), the core does not immediately assert FRAME and the PCI bus is idle. It is
possible for the PCI GNT to go away; in this case the core will stop the PCI transfer and assert DP_END.
Accessing the DMA Registers from the Backend
A write to the DMA register is accomplished by asserting
CS_CONTROLn, WR_CONTROLn, valid address, and valid
data at the same time. Registers can be updated one at a
time or in bursts by changing the address and data while
keeping CS_CONTROLn and WR_CONTROLn asserted
(Figure 25).
Reads from the DMA are pipelined with two cycles of
delay between valid address and valid data. To enable
the
output
drivers,
both
CS_CONTROLn
and
RD_CONTROLn must be driven low (Figure 26).
Figure 24 • DMA Master with STALL_MASTER Asserted
CLK
DP_START
STALL_MASTER
BUSY_MASTER
FRAMEn
AD[31:0]
CBE[3:0]
IRDYN
TRDYn
STOPn
DEVSELn
DP_DONE
RD_CYC
MEM_ADDRESS[23:2]
MEM_DATA[31:0]
RD_BE_RDY
RD_BE_NOW
addr
data0
data1
data2
CMD
byte enables
addr0
addr1
addr2
addr3
data0
data1
data2
Figure 25 • Backend Write to a DMA Register
Figure 26 • Backend Read from a DMA Register
CLK
WE_CONTROLn
CS_CONTROLn
CONTROL_ADD[1:0]
valid
MEM_DATA[31:0]
valid
12
3
4
CLK
CS_CONTROLn
WE_CONTROLn
CONTROL_ADD[1:0]
MEM_DATA[31:0]
valid
valid
1
2
34
56
78
910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com