Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OMAP3530-HiRel Datasheet(PDF) 77 Page - Texas Instruments

Part # OMAP3530-HiRel
Description  OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP3530-HiRel Datasheet(HTML) 77 Page - Texas Instruments

Back Button OMAP3530-HiRel Datasheet HTML 73Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 74Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 75Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 76Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 77Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 78Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 79Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 80Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 239 page
background image
OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
www.ti.com
SPRS599 – JUNE 2009
Table 2-17. Serial Communication Interfaces – USB Signals Description
SIGNAL NAME
DESCRIPTION
TYPE(1)
BALL BOTTOM
BALL BOTTOM
(CBB Pkg.)
(CBC Pkg.)
HIGH-SPEED UNIVERSAL SERIAL BUS INTERFACE (HSUSB0)
hsusb0_clk
Dedicated for external transceiver 60-MHz clock input from
I
T28
W19
PHY
hsusb0_stp
Dedicated for external transceiver Stop signal
O
T25
U20
hsusb0_dir
Dedicated for external transceiver Data direction control from
I
R28
V19
PHY
hsusb0_nxt
Dedicated for external transceiver Next signal from PHY
I
T26
W18
hsusb0_data0
Dedicated for external transceiver Bidirectional data bus
IO
T27
V20
hsusb0_data1
Dedicated for external transceiver Bidirectional data bus
IO
U28
Y20
hsusb0_data2
Dedicated for external transceiver Bidirectional data bus
IO
U27
V18
hsusb0_data3
Dedicated for external transceiver Bidirectional data bus
IO
U26
W20
hsusb0_data4
Dedicated for external transceiver Bidirectional data bus
IO
U25
W17
additional signals for 12-pin ULPI operation
hsusb0_data5
Dedicated for external transceiver Bidirectional data bus
IO
V28
Y18
additional signals for 12-pin ULPI operation
hsusb0_data6
Dedicated for external transceiver Bidirectional data bus
IO
V27
Y19
additional signals for 12-pin ULPI operation
hsusb0_data7
Dedicated for external transceiver Bidirectional data bus
IO
V26
Y17
additional signals for 12-pin ULPI operation
MM_FSUSB3
mm3_rxdm
Vminus receive data (not used in 3- or 4-pin configurations)
IO
AE3
AE3
mm3_rxdp
Vplus receive data (not used in 3- or 4-pin configurations)
IO
AH3
M3
mm3_rxrcv
Differential receiver signal input (not used in 3-pin mode)
IO
AD1
U4
mm3_txse0
Single-ended zero. Used as VM in 4-pin VP_VM mode.
IO
AE1
V3
mm3_txdat
USB data. Used as VP in 4-pin VP_VM mode.
IO
AD2
R3
mm3_txen_n
Transmit enable
IO
AC1
T3
MM_FSUSB2
mm2_rxdm
Vminus receive data (not used in 3- or 4-pin configurations)
IO
AH7
AF7
mm2_rxdp
Vplus receive data (not used in 3- or 4-pin configurations)
IO
AF7
AF6
mm2_rxrcv
Differential receiver signal input (not used in 3-pin mode)
IO
AG8
AF9
mm2_txse0
Single-ended zero. Used as VM in 4-pin VP_VM mode.
IO
AH8
AE9
mm2_txdat
USB data. Used as VP in 4-pin VP_VM mode.
IO
AB2
T8
mm2_txen_n
Transmit enable
IO
V3
V9
MM_FSUSB1
mm1_rxdm
Vminus receive data (not used in 3- or 4-pin configurations)
IO
AG9
V2
mm1_rxdp
Vplus receive data (not used in 3- or 4-pin configurations)
IO
AF10
AB2
mm1_rxrcv
Differential receiver signal input (not used in 3-pin mode)
IO
AF11
AC3
mm1_txse0
Single-ended zero. Used as VM in 4-pin VP_VM mode.
IO
AG12
AD4
mm1_txdat
USB data. Used as VP in 4-pin VP_VM mode.
IO
AH12
AD3
mm1_txen_n
Transmit enable
IO
AH14
AD2
HSUSB3_TLL
hsusb3_tll_clk
Dedicated for external transceiver 60-MHz clock input from
O
W8
W2
PHY
hsusb3_tll_stp
Dedicated for external transceiver Stop signal
I
AH3
M3
hsusb3_tll_dir
dedicated for external transceiver Data direction control from
O
AF3
L3
PHY
hsusb3_tll_nxt
Dedicated for external transceiver Next signal from PHY
O
AE3
K3
hsusb3_tll_data0
Dedicated for external transceiver Bidirectional data bus
IO
AD1
U4
(1)
Type = Ball type for this specific function (I = Input, O = Output, Z = high-impedance, D = Open Drain, DS = Differential, A = Analog)
Submit Documentation Feedback
TERMINAL DESCRIPTION
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com