| Electronic Components Datasheet Search |
|
OMAP3530-HiRel Datasheet(PDF) 79 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530-HiRel Datasheet(HTML) 79 Page - Texas Instruments |
|
79 / 239 page ![]() OMAP3525-HiRel and OMAP3530-HiRel Applications Processors www.ti.com SPRS599 – JUNE 2009 Table 2-17. Serial Communication Interfaces – USB Signals Description (continued) SIGNAL NAME DESCRIPTION TYPE(1) BALL BOTTOM BALL BOTTOM (CBB Pkg.) (CBC Pkg.) hsusb1_nxt Dedicated for external transceiver Next signal from PHY I AG9 V2 hsusb1_data0 Dedicated for external transceiver Bidirectional data bus IO AF11 AC3 hsusb1_data1 Dedicated for external transceiver Bidirectional data bus IO AG12 AD4 hsusb1_data2 Dedicated for external transceiver Bidirectional data bus IO AH12 AD3 hsusb1_data3 Dedicated for external transceiver Bidirectional data bus IO AH14 AD2 hsusb1_data4 Dedicated for external transceiver Bidirectional data bus IO AE11 Y3 additional signals for 12-pin ULPI operation hsusb1_data5 Dedicated for external transceiver Bidirectional data bus IO AH9 AB1 additional signals for 12-pin ULPI operation hsusb1_data6 Dedicated for external transceiver Bidirectional data bus IO AF13 AE3 additional signals for 12-pin ULPI operation hsusb1_data7 Dedicated for external transceiver Bidirectional data bus IO AE13 AA7 additional signals for 12-pin ULPI operation HSUSB1_TLL hsusb1_tll_clk Dedicated for external transceiver 60-MHz clock input from O AE10 AB3 PHY hsusb1_tll_stp Dedicated for external transceiver Stop signal I AF10 AB2 hsusb1_tll_dir Dedicated for external transceiver data direction control from O AF9 AA4 PHY hsusb1_tll_nxt Dedicated for external transceiver Next signal from PHY O AG9 V2 hsusb1_tll_data0 Dedicated for external transceiver Bidirectional data bus IO AF11 AC3 hsusb1_tll_data1 Dedicated for external transceiver Bidirectional data bus IO AG12 AD4 hsusb1_tll_data2 Dedicated for external transceiver Bidirectional data bus IO AH12 AD3 hsusb1_tll_data3 Dedicated for external transceiver Bidirectional data bus IO AH14 AD2 hsusb1_tll_data4 Dedicated for external transceiver Bidirectional data bus IO AE11 Y3 additional signals for 12-pin ULPI operation hsusb1_tll_data5 Dedicated for external transceiver Bidirectional data bus IO AH9 AB1 additional signals for 12-pin ULPI operation hsusb1_tll_data6 Dedicated for external transceiver Bidirectional data bus IO AF13 AE3 additional signals for 12-pin ULPI operation hsusb1_tll_data7 Dedicated for external transceiver Bidirectional data bus IO AE13 AA3 additional signals for 12-pin ULPI operation Submit Documentation Feedback TERMINAL DESCRIPTION 79 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |