Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OMAP3530-HiRel Datasheet(PDF) 80 Page - Texas Instruments

Part # OMAP3530-HiRel
Description  OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP3530-HiRel Datasheet(HTML) 80 Page - Texas Instruments

Back Button OMAP3530-HiRel Datasheet HTML 76Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 77Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 78Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 79Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 80Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 81Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 82Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 83Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 239 page
background image
2.4.4
Removable Media Interfaces
OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
SPRS599 – JUNE 2009
www.ti.com
Table 2-18. Removable Media Interfaces – MMC/SDIO Signals Description
SIGNAL NAME
DESCRIPTION
TYPE(1)
BALL BOTTOM
BALL BOTTOM
(CBB Pkg.)
(CBC Pkg.)
MULTIMEDIA MEMORY CARD (MMC1) / SECURE DIGITAL IO (SDIO1)
mmc1_clk
MMC/SD Output Clock
O
N28
N19
mmc1_cmd
MMC/SD command signal
IO
M27
L18
mmc1_dat0
MMC/SD Card Data bit 0 / SPI Serial Input
IO
N27
M19
mmc1_dat1
MMC/SD Card Data bit 1
IO
N26
M18
mmc1_dat2
MMC/SD Card Data bit 2
IO
N25
K18
mmc1_dat3
MMC/SD Card Data bit 3
IO
P28
N20
mmc1_dat4
MMC/SD Card Data bit 4
IO
P27
M20
mmc1_dat5
MMC/SD Card Data bit 5
IO
P26
P17
mmc1_dat6
MMC/SD Card Data bit 6
IO
R27
P18
mmc1_dat7
MMC/SD Card Data bit 7
IO
R25
P19
MULTIMEDIA MEMORY CARD (MMC2) / SECURE DIGITAL IO (SDIO2)
mmc2_clk
MMC/SD Output Clock
O
AE2
W10
mmc2_dir_dat0
Direction control for DAT0 signal case an external
O
AE4
V10
transceiver used
mmc2_dir_dat1
Direction control for DAT1 and DAT3 signals case an
O
AH3
M3
external transceiver used
mmc2_dir_dat2
Direction control for DAT2 signal case an external
O
AF19
E4
transceiver used
mmc2_dir_dat3
Direction control for DAT4, DAT5, DAT6, and DAT7 signals
O
AE21
G3
case an external transceiver used
mmc2_clkin
MMC/SD input Clock
I
AE3
K3
mmc2_dat0
MMC/SD Card Data bit 0
IO
AH5
T10
mmc2_dat1
MMC/SD Card Data bit 1
IO
AH4
T9
mmc2_dat2
MMC/SD Card Data bit 2
IO
AG4
U10
mmc2_dat3
MMC/SD Card Data bit 3
IO
AF4
U9
mmc2_dat4
MMC/SD Card Data bit 4
IO
AE4 / AB3
P9 / V10
mmc2_dat5
MMC/SD Card Data bit 5
IO
AH3 / AB4
P8
mmc2_dat6
MMC/SD Card Data bit 6
IO
AF3 / AA4
P7
mmc2_dat7
MMC/SD Card Data bit 7
IO
AE3 / AC2
R7
mmc2_dir_cmd
Direction control for CMD signal case an external
O
AF3
L3
transceiver is used
mmc2_cmd
MMC/SD command signal
IO
AG5
R10
MULTIMEDIA MEMORY CARD (MMC3) / SECURE DIGITAL IO (SDIO3)
mmc3_clk
MMC/SD Output Clock
O
AB1 / AF10
R9 / AB2
mmc3_cmd
MMC/SD command signal
IO
AC3 / AE10
R8 / AB3
mmc3_dat0
MMC/SD Card Data bit 0 / SPI Serial Input
IO
AE4 / AE11
V10 / Y3
mmc3_dat1
MMC/SD Card Data bit 1
IO
AH3 / AH9
AB1
mmc3_dat2
MMC/SD Card Data bit 2
IO
AF3 / AF13
AE3
mmc3_dat3
MMC/SD Card Data bit 3
IO
AE3 / AE13
AA3
mmc3_dat4
MMC/SD Card Data bit 4
IO
AF11
AC3
mmc3_dat5
MMC/SD Card Data bit 5
IO
AG9
V2
mmc3_dat6
MMC/SD Card Data bit 6
IO
AF9
AA4
mmc3_dat7
MMC/SD Card Data bit 7
IO
AH14
AD2
(1)
Type = Ball type for this specific function (I = Input, O = Output, Z = high-impedance, D = Open Drain, DS = Differential, A = Analog)
TERMINAL DESCRIPTION
80
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com