| Electronic Components Datasheet Search |
|
OMAP3530-HiRel Datasheet(PDF) 133 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530-HiRel Datasheet(HTML) 133 Page - Texas Instruments |
|
133 / 239 page ![]() OMAP3525-HiRel and OMAP3530-HiRel Applications Processors www.ti.com SPRS599 – JUNE 2009 – G = 0.5 * ADVExtraDelay * GPMC_FCLK if ((ADVWrOffTime – ClkActivationTime) is a multiple of 3) – G = (1 + 0.5 * ADVExtraDelay) * GPMC_FCLK if ((ADVWrOffTime – ClkActivationTime – 1) is a multiple of 3) – G = (2 + 0.5 * ADVExtraDelay) * GPMC_FCLK if ((ADVWrOffTime – ClkActivationTime – 2) is a multiple of 3) (8) For OE falling edge (OE activated) / IO DIR rising edge (Data Bus input direction): – Case GpmcFCLKDivider = 0: – H = 0.5 * OEExtraDelay * GPMC_FCLK – Case GpmcFCLKDivider = 1: – H = 0.5 * OEExtraDelay * GPMC_FCLK if (ClkActivationTime and OEOnTime are odd) or (ClkActivationTime and OEOnTime are even) – H = (1 + 0.5 * OEExtraDelay) * GPMC_FCLK otherwise – Case GpmcFCLKDivider = 2: – H = 0.5 * OEExtraDelay * GPMC_FCLK if ((OEOnTime – ClkActivationTime) is a multiple of 3) – H = (1 + 0.5 * OEExtraDelay) * GPMC_FCLK if ((OEOnTime – ClkActivationTime – 1) is a multiple of 3) – H = (2 + 0.5 * OEExtraDelay) * GPMC_FCLK if ((OEOnTime – ClkActivationTime – 2) is a multiple of 3) For OE rising edge (OE deactivated): – GpmcFCLKDivider = 0: – H = 0.5 * OEExtraDelay * GPMC_FCLK – Case GpmcFCLKDivider = 1: – H = 0.5 * OEExtraDelay * GPMC_FC if (ClkActivationTime and OEOffTime are odd) or (ClkActivationTime and OEOffTime are even) – H = (1 + 0.5 * OEExtraDelay) * GPMC_FCLK otherwise – Case GpmcFCLKDivider = 2: – H = 0.5 * OEExtraDelay * GPMC_FCLK if ((OEOffTime – ClkActivationTime) is a multiple of 3) – H = (1 + 0.5 * OEExtraDelay) * GPMC_FCLK if ((OEOffTime – ClkActivationTime – 1) is a multiple of 3) – H = (2 + 0.5 * OEExtraDelay) * GPMC_FCLK if ((OEOffTime – ClkActivationTime – 2) is a multiple of 3) (9) For WE falling edge (WE activated): – Case GpmcFCLKDivider = 0: – I = 0.5 * WEExtraDelay * GPMC_FCLK – Case GpmcFCLKDivider = 1: – I = 0.5 * WEExtraDelay * GPMC_FCLK if (ClkActivationTime and WEOnTime are odd) or (ClkActivationTime and WEOnTime are even) – I = (1 + 0.5 * WEExtraDelay) * GPMC_FCLK otherwise – Case GpmcFCLKDivider = 2: – I = 0.5 * WEExtraDelay * GPMC_FCLK if ((WEOnTime – ClkActivationTime) is a multiple of 3) – I = (1 + 0.5 * WEExtraDelay) * GPMC_FCLK if ((WEOnTime – ClkActivationTime – 1) is a multiple of 3) – I = (2 + 0.5 * WEExtraDelay) * GPMC_FCLK if ((WEOnTime – ClkActivationTime – 2) is a multiple of 3) For WE rising edge (WE deactivated): – Case GpmcFCLKDivider = 0: – I = 0.5 * WEExtraDelay * GPMC_FCLK – Case GpmcFCLKDivider = 1: – I = 0.5 * WEExtraDelay * GPMC_FCLK if (ClkActivationTime and WEOffTime are odd) or (ClkActivationTime and WEOffTime are even) – I = (1 + 0.5 * WEExtraDelay) * GPMC_FCLK otherwise – Case GpmcFCLKDivider = 2: – I = 0.5 * WEExtraDelay * GPMC_FCLK if ((WEOffTime – ClkActivationTime) is a multiple of 3) – I = (1 + 0.5 * WEExtraDelay) * GPMC_FCLK if ((WEOffTime – ClkActivationTime – 1) is a multiple of 3) – I = (2 + 0.5 * WEExtraDelay) * GPMC_FCLK if ((WEOffTime – ClkActivationTime – 2) is a multiple of 3) (10) J = GPMC_FCLK period (11) In gpmc_ncsx, x is equal to 0, 1, 2, 3, 4, 5, 6, or 7. In gpmc_waitx, x is equal to 0, 1, 2, or 3. (12) P = gpmc_clk period (13) For read: K = (ADVRdOffTime – ADVOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK For write: K = (ADVWrOffTime – ADVOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK (14) GPMC_FCLK is General-Purpose Memory Controller internal functional clock. (15) Related to the gpmc_clk output clock maximum and minimum frequencies programmable in the I/F module by setting the GPMC_CONFIG1_CSx configuration register bit field GpmcFCLKDivider. (16) The jitter probability density can be approximated by a Gaussian function. (17) M = (RdCycleTime - AccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK Above M parameter expression is given as one example of GPMC programming. IO DIR signal will go from IN to OUT after both RdCycleTime and BusTurnAround completion. Behavior of IO direction signal does depend on kind of successive Read/Write accesses performed to Memory and multiplexed or non-multiplexed memory addressing scheme, bus keeping feature enabled or not. IO DIR behavior is automatically handled by GPMC controller. For a full description of the gpmc_io_dir feature, see the OMAP35x Technical Reference Manual (TRM) [literature number SPRUF98]. Submit Documentation Feedback TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS 133 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |