Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 169 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 169 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 165Page - STMicroelectronics STM32W108HB Datasheet HTML 166Page - STMicroelectronics STM32W108HB Datasheet HTML 167Page - STMicroelectronics STM32W108HB Datasheet HTML 168Page - STMicroelectronics STM32W108HB Datasheet HTML 169Page - STMicroelectronics STM32W108HB Datasheet HTML 170Page - STMicroelectronics STM32W108HB Datasheet HTML 171Page - STMicroelectronics STM32W108HB Datasheet HTML 172Page - STMicroelectronics STM32W108HB Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 179 page
background image
STM32W108CB, STM32W108HB
Electrical characteristics
Doc ID 16252 Rev 2
169/179
Figure 52 shows typical output power against power setting on the ST reference design.
Figure 52.
Transmit output power
12.6
Digital I/O specifications
Table 41 lists the digital I/O specifications for the STM32W. The digital I/O power (named
VDD_PADS) comes from three dedicated pins (Pins 23, 28 and 37). The voltage applied to
these pins sets the I/O voltage.
Table 41.
Digital I/O specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage supply (Regulator Input) VDD_PADS
2.1
3.6
V
Low Schmitt switching threshold
VSWIL
Schmitt input threshold
going from high to low
0.42 x
VDD_PADS
0.50 x
VDD_PADS
V
High Schmitt switching
threshold
VSWIH
Schmitt input threshold
going from low to high
0.62 x
VDD_PADS
0.80 x
VDD_PADS
V
Input current for logic 0
IIL
-0.5
µA
Input current for logic 1
IIH
+0.5
µA
Input pull-up resistor value
RIPU
24
29
34
k
Ω
Input pull-down resistor value
RIPD
24
29
34
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com