Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 166 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 166 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 162Page - STMicroelectronics STM32W108HB Datasheet HTML 163Page - STMicroelectronics STM32W108HB Datasheet HTML 164Page - STMicroelectronics STM32W108HB Datasheet HTML 165Page - STMicroelectronics STM32W108HB Datasheet HTML 166Page - STMicroelectronics STM32W108HB Datasheet HTML 167Page - STMicroelectronics STM32W108HB Datasheet HTML 168Page - STMicroelectronics STM32W108HB Datasheet HTML 169Page - STMicroelectronics STM32W108HB Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 179 page
background image
Electrical characteristics
STM32W108CB, STM32W108HB
166/179
Doc ID 16252 Rev 2
12.5
DC electrical characteristics
Table 40.
DC electrical characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Regulator input voltage
(VDD_PADS)
2.1
3.6
V
Power supply range (VDD_MEM)
Regulator output or external
input
1.7
1.8
1.9
V
Power supply range
(VDD_CORE)
Regulator output
1.18
1.25
1.32
V
Deep Sleep Current
Quiescent current, internal RC
oscillator disabled
-40°C, VDD_PADS=3.6 V
0.4
µA
+25°C, VDD_PADS=3.6 V
0.4
µA
+85°C, VDD_PADS=3.6 V
0.6
µA
Quiescent current, including
internal RC oscillator
-40°C, VDD_PADS=3.6 V
0.7
µA
+25°C, VDD_PADS=3.6 V
0.8
µA
+85°C, VDD_PADS=3.6 V
1.2
µA
Quiescent current, including
32.768 kHz oscillator
-40°C, VDD_PADS=3.6V
1.2
µA
+25°C, VDD_PADS=3.6 V
1.3
µA
+85°C, VDD_PADS=3.6 V
1.7
µA
Quiescent current, including
internal RC oscillator and 32.768
kHz oscillator
-40°C, VDD_PADS=3.6V
1.4
µA
+25°C, VDD_PADS=3.6V
1.5
µA
+85°C, VDD_PADS=3.6 V
2.0
µA
Simulated deep sleep (debug
mode) current
With no debugger activity
200
µA
Reset current
Quiescent current, NRST
asserted
Typ at 25°C/3 V
Max at 85°C/3.6 V
1.2
mA
Processor and peripheral currents
ARM® Cortex-M3, RAM, and flash
memory
25 °C, 1.8 V memory and
1.25 V core
ARM® Cortex-M3 running at
12 MHz from crystal oscillator
Radio and all peripherals off
8.0
mA
ARM® Cortex-M3, RAM, and flash
memory
25 °C, 1.8 V memory and
1.25 V core
ARM® Cortex-M3 running at
24 MHz from crystal oscillator
Radio and all peripherals off
9.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com